Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4148A Datasheet (PDF) - TRANSYS Electronics Limited

MMBD4148A Datasheet PDF - TRANSYS Electronics Limited
Part # MMBD4148A
Download  MMBD4148A Download
File Size   103.61 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Diodes

MMBD4148A Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD4148A Datasheet PDF - TRANSYS Electronics Limited

Part # MMBD4148A
Download  MMBD4148A Click to download

File Size   103.61 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Diodes

MMBD4148A Datasheet (HTML) - TRANSYS Electronics Limited


MMBD4148A Product details

SWITCHING DIODE

FEATURES
    Power dissipation
        PD: 350 mW (Tamb=25℃)
    Forward Current
        IF: 200 m A
    Reverse Voltage
        VR: 100 V ( IR=100µA )
    Operating and storage junction temperature range
        TJ, Tstg: -55℃ to +150℃




Similar Part No. - MMBD4148A

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MMBD4148A JIANGSU-MMBD4148A Datasheet
130Kb / 2P
SWITCHING DIODE
logo
Weitron Technology
MMBD4148A WEITRON-MMBD4148A Datasheet
393Kb / 3P
Surface Mount Switching Diode
logo
Galaxy Semi-Conductor H...
MMBD4148A BILIN-MMBD4148A Datasheet
197Kb / 3P
Surface mount switching diode
logo
Shenzhen Luguang Electr...
MMBD4148A LUGUANG-MMBD4148A Datasheet
231Kb / 2P
Surface Mount Switching Diode
logo
Diode Semiconductor Kor...
MMBD4148A DSK-MMBD4148A Datasheet
247Kb / 3P
Surface mount switching diode
More results


Similar Description - MMBD4148A

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1SS187 TEL-1SS187 Datasheet
68Kb / 1P
Plastic-Encapsulated Diodes
1SS422 TEL-1SS422 Datasheet
100Kb / 2P
Plastic-Encapsulated Diodes
BAS16LT1 TEL-BAS16LT1 Datasheet
61Kb / 1P
Plastic-Encapsulated Diodes
BAS16T TEL-BAS16T Datasheet
74Kb / 2P
Plastic-Encapsulated Diodes
BAS19LT1 TEL-BAS19LT1 Datasheet
61Kb / 1P
Plastic-Encapsulated Diodes
BAS516 TEL-BAS516 Datasheet
105Kb / 1P
Plastic-Encapsulated Diodes
BAV70LT1 TEL-BAV70LT1 Datasheet
102Kb / 1P
Plastic-Encapsulated Diodes
BAV199LT1 TEL-BAV199LT1 Datasheet
62Kb / 1P
Plastic-Encapsulated Diodes
MC2836 TEL-MC2836 Datasheet
61Kb / 1P
Plastic-Encapsulated Diodes
MMBD914LT1 TEL-MMBD914LT1 Datasheet
102Kb / 1P
Plastic-Encapsulated Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com