Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4148W Datasheet (PDF) - TRANSYS Electronics Limited

MMBD4148W Datasheet PDF - TRANSYS Electronics Limited
Part # MMBD4148W
Download  MMBD4148W Download
File Size   60.43 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Diode

MMBD4148W Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD4148W Datasheet PDF - TRANSYS Electronics Limited

Part # MMBD4148W
Download  MMBD4148W Click to download

File Size   60.43 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Diode

MMBD4148W Datasheet (HTML) - TRANSYS Electronics Limited


MMBD4148W Product details

SWITCHING DIODE

FEATURES
   Power dissipation
      PD: 200 mW (Tamb=25℃)
   Collector current
      IO: 150 mA
   Collector-base voltage
      VR: 75 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - MMBD4148W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148W PANJIT-MMBD4148W Datasheet
108Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
MMBD4148W WTE-MMBD4148W Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
MMBD4148W DIODES-MMBD4148W Datasheet
58Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30094 Rev. 12 - 2
logo
Won-Top Electronics
MMBD4148W WTE-MMBD4148W Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Pan Jit International I...
MMBD4148W PANJIT-MMBD4148W Datasheet
37Kb / 2P
SURFACE MOUNT SWITCHING DIODES
More results


Similar Description - MMBD4148W

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1SS370 TEL-1SS370 Datasheet
61Kb / 1P
Plastic-Encapsulated Diode
BAS19W TEL-BAS19W Datasheet
62Kb / 1P
Plastic-Encapsulated Diode
BAW56DW TEL-BAW56DW Datasheet
117Kb / 2P
Plastic-Encapsulated Diode
BAW56W TEL-BAW56W Datasheet
60Kb / 1P
Plastic-Encapsulated Diode
BZX84C2V4W TEL-BZX84C2V4W Datasheet
104Kb / 1P
Plastic-Encapsulated DIODE
DA204U TEL-DA204U Datasheet
59Kb / 1P
Plastic-Encapsulated Diode
DA221 TEL-DA221 Datasheet
55Kb / 1P
Plastic-Encapsulated Diode
DAN202U TEL-DAN202U Datasheet
60Kb / 1P
Plastic-Encapsulated Diode
logo
SeCoS Halbleitertechnol...
BAS21T SECOS-BAS21T_15 Datasheet
261Kb / 2P
Plastic- Encapsulated Diode
MMBD4148T SECOS-MMBD4148T_15 Datasheet
241Kb / 2P
Plastic-Encapsulated Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com