Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201129 Datasheet (PDF) - PHOENIX CONTACT

2201129 Datasheet PDF - PHOENIX CONTACT
Part # 2201129
Download  2201129 Download
File Size   289.68 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 2,5 HV/3-R 7,5 GY7035 - PCB terminal block

2201129 Datasheet (PDF)

Go To PDF Page Download Datasheet
2201129 Datasheet PDF - PHOENIX CONTACT

Part # 2201129
Download  2201129 Click to download

File Size   289.68 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 2,5 HV/3-R 7,5 GY7035 - PCB terminal block

2201129 Datasheet (HTML) - PHOENIX CONTACT


2201129 Product details

Printed circuit board terminal, nominal current: 24 A, rated voltage (III/2): 630 V, nominal cross
section: 2.5 mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3,
product range: FKDSO 2,5 HV/..-R, pitch: 7.5 mm, connection method: Push-in spring
connection, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: light gray,
Pin layout: Linear pinning, Solder pin [P]: 3.53 mm, number of solder pins per potential: 1, type of
packaging: packed in cardboard. Product with pin output on right side




Similar Part No. - 2201129

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201128 PHOENIX-2201128 Datasheet
113Kb / 4P
PCB terminal block - FKDSO 2,5 HV/3-L 7,5 GY7035
More results


Similar Description - 2201129

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701160 PHOENIX-1701160 Datasheet
89Kb / 4P
PCB terminal block - PT 2,5/ 3-7,5-H BK
1988118 PHOENIX-1988118 Datasheet
146Kb / 7P
PCB terminal block - PT 2,5/ 3-7,5-H
2199676 PHOENIX-2199676 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5 HV/ 2L-7,5 KMGY
2199773 PHOENIX-2199773 Datasheet
85Kb / 3P
PCB terminal block - MKDSO 2,5 HV/ 2R-7,5 KMGY
2200317 PHOENIX-2200317 Datasheet
120Kb / 4P
FKDSO 2,5/ 3-R KMGY
2200319 PHOENIX-2200319 Datasheet
131Kb / 7P
PCB terminal block - FKDSO 2,5/ 4-L KMGY
2201128 PHOENIX-2201128 Datasheet
113Kb / 4P
PCB terminal block - FKDSO 2,5 HV/3-L 7,5 GY7035
2695950 PHOENIX-2695950 Datasheet
56Kb / 3P
PCB terminal block - MKDSO 2,5/ 3-R BU
2869744 PHOENIX-2869744 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 3-R BK
1987960 PHOENIX-1987960 Datasheet
357Kb / 9P
PCB terminal block - PT 2,5/ 3-7,5-V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com