Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201806 Datasheet (PDF) - PHOENIX CONTACT

2201806 Datasheet PDF - PHOENIX CONTACT
Part # 2201806
Download  2201806 Download
File Size   199.39 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME-IO 18,8 C 9U 7035 - Housing cover

2201806 Datasheet (PDF)

Go To PDF Page Download Datasheet
2201806 Datasheet PDF - PHOENIX CONTACT

Part # 2201806
Download  2201806 Click to download

File Size   199.39 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME-IO 18,8 C 9U 7035 - Housing cover

2201806 Datasheet (HTML) - PHOENIX CONTACT


2201806 Product details

DIN rail housing, 9U, Housing cover, width: 18.9 mm, height: 98.8 mm, depth: 26 mm, color: light
gray (similar RAL 7035)




Similar Part No. - 2201806

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201800 PHOENIX-2201800 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 3U 7035
09/12/2020
2201800 PHOENIX-2201800 Datasheet
1Mb / 27P
Component housing
2015-11-27
2201801 PHOENIX-2201801 Datasheet
109Kb / 6P
Housing cover - ME-IO 18,8 C 3U S1 7035
09/12/2020
2201801 PHOENIX-2201801 Datasheet
1Mb / 27P
Component housing
2015-11-27
2201802 PHOENIX-2201802 Datasheet
1Mb / 27P
Component housing
2015-11-27
More results


Similar Description - 2201806

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201960 PHOENIX-2201960 Datasheet
67Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 9/9U TBUS 7035
2201961 PHOENIX-2201961 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 7/9U TBUS 7035
2201962 PHOENIX-2201962 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 5/9U TBUS 7035
2202581 PHOENIX-2202581 Datasheet
55Kb / 2P
Housing cover - ME-IO 18,8 C 2U MC18 7035
2201800 PHOENIX-2201800 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 3U 7035
09/12/2020
2201801 PHOENIX-2201801 Datasheet
109Kb / 6P
Housing cover - ME-IO 18,8 C 3U S1 7035
09/12/2020
2201803 PHOENIX-2201803 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 5U 7035
09/12/2020
2201805 PHOENIX-2201805 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 7U 7035
09/12/2020
2201802 PHOENIX-2201802 Datasheet
139Kb / 5P
Housing cover - ME-IO 18,8 C 4U 7035
11/25/2021
2202626 PHOENIX-2202626 Datasheet
109Kb / 4P
Housing cover - ME-IO 18,8 LC 10U 7035
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com