Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2202569 Datasheet (PDF) - PHOENIX CONTACT

2202569 Datasheet PDF - PHOENIX CONTACT
Part # 2202569
Download  2202569 Download
File Size   744.59 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1U4-00/00-7035 - PCB connector

2202569 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202569 Datasheet PDF - PHOENIX CONTACT

Part # 2202569
Download  2202569 Click to download

File Size   744.59 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1U4-00/00-7035 - PCB connector

2202569 Datasheet (HTML) - PHOENIX CONTACT


2202569 Product details

PCB connector, nominal cross section: 2.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
4, number of rows: 2, number of positions: 4, number of connections: 4, product range: HSCPSP
2,5-.., pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: HSC 2,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring levers:
black, black / black, black




Similar Part No. - 2202569

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202563 PHOENIX-2202563 Datasheet
92Kb / 4P
Plug-in card block - SKBD 10/MT
2202568 PHOENIX-2202568 Datasheet
744Kb / 13P
HSCP-SP 2,5-1U4-99/99-7035 - PCB connector
More results


Similar Description - 2202569

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
10-0516-00 ATMEL-10-0516-00 Datasheet
48Kb / 1P
10-0516-00
logo
Transcend Information. ...
TS4GJF600 TRANSCEND-TS4GJF600 Datasheet
65Kb / 2P
4GB USB2.0 JetFlash??00
TS8GJF600 TRANSCEND-TS8GJF600 Datasheet
65Kb / 2P
8GB USB2.0 JetFlash??00
TS16GJF600 TRANSCEND-TS16GJF600 Datasheet
64Kb / 2P
16GB USB2.0 JetFlash??00
TS32GJF600 TRANSCEND-TS32GJF600 Datasheet
65Kb / 2P
32GB USB2.0 JetFlash??00
logo
Adels-Contact
112001 ADELS-112001 Datasheet
115Kb / 1P
930-00/ 1
06/01/2020
112004 ADELS-112004 Datasheet
118Kb / 1P
930-00/ 4
06/01/2020
112008 ADELS-112008 Datasheet
122Kb / 1P
930-00/ 8
logo
Hirose Electric
MDF97-5S-3.5C HIROSE-MDF97-5S-3.5C Datasheet
173Kb / 2P
EDC-354809-00-00
logo
PHOENIX CONTACT
2202606 PHOENIX-2202606 Datasheet
114Kb / 8P
Printed-circuit board connector - HSCP-SP2,5-1UTT-62/62-7035
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com