Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2202607 Datasheet (PDF) - PHOENIX CONTACT

2202607 Datasheet PDF - PHOENIX CONTACT
Part # 2202607
Download  2202607 Download
File Size   391.02 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1UTT-55/55-7035 - PCB connector

2202607 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202607 Datasheet PDF - PHOENIX CONTACT

Part # 2202607
Download  2202607 Click to download

File Size   391.02 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1UTT-55/55-7035 - PCB connector

2202607 Datasheet (HTML) - PHOENIX CONTACT


2202607 Product details

PCB connector, nominal cross section: 2.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
2, number of rows: 2, number of positions: 2, number of connections: 4, product range: HSCPSP
2,5-.., pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: HSC 2,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring levers:
green, green / green, green




Similar Part No. - 2202607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202602 PHOENIX-2202602 Datasheet
89Kb / 4P
Plug-in card block - SKBD 15/MT
2202605 PHOENIX-2202605 Datasheet
744Kb / 13P
HSCP-SP 2,5-1U4-69/69-7035 - PCB connector
2202606 PHOENIX-2202606 Datasheet
114Kb / 8P
Printed-circuit board connector - HSCP-SP2,5-1UTT-62/62-7035
09/12/2020
2202608 PHOENIX-2202608 Datasheet
744Kb / 13P
HSCP-SP 2,5-1U4-99/62-7035 - PCB connector
2202609 PHOENIX-2202609 Datasheet
537Kb / 12P
HSCP-SP 1,5-1U6-629/629-7035 - PCB connector
More results


Similar Description - 2202607

ManufacturerPart #DatasheetDescription
logo
Altech corporation
TK55 ALTECH-TK55 Datasheet
70Kb / 1P
POLYCARBONATE ENCLOSURE TK 55
logo
Littelfuse
S8055MTP LITTELFUSE-S8055MTP Datasheet
865Kb / 9P
55 Amp Standard SCRs
logo
Fairchild Semiconductor
FNA51560TD3 FAIRCHILD-FNA51560TD3 Datasheet
848Kb / 15P
Motion SPMR 55 Series
FNF51060TD1 FAIRCHILD-FNF51060TD1 Datasheet
927Kb / 15P
Motion SPMR 55 Series
FNF51560TD1 FAIRCHILD-FNF51560TD1 Datasheet
842Kb / 15P
Motion SPMR 55 Series
logo
Richco, Inc.
224225 RICHCO-224225 Datasheet
32Kb / 1P
SOFT PVC(RMS-55)
235830 RICHCO-235830 Datasheet
45Kb / 1P
SOFT PVC(RMS-55)
logo
PHOENIX CONTACT
1706550 PHOENIX-1706550 Datasheet
65Kb / 3P
PTDA 2,5/ 6-PH-5,0 RTGY38BD-55
2202606 PHOENIX-2202606 Datasheet
114Kb / 8P
Printed-circuit board connector - HSCP-SP2,5-1UTT-62/62-7035
09/12/2020
logo
Advantech Co., Ltd.
PAX-355 ADVANTECH-PAX-355 Datasheet
705Kb / 2P
55" UHD Surgical Display
18-Apr-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com