Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPMMBZ27VCWT1G Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPMMBZ27VCWT1G Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPMMBZ27VCWT1G
Download  TPMMBZ27VCWT1G Download
File Size   1998.07 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2-Line Uni-directional TVS Diode

TPMMBZ27VCWT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
TPMMBZ27VCWT1G Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPMMBZ27VCWT1G
Download  TPMMBZ27VCWT1G Click to download

File Size   1998.07 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2-Line Uni-directional TVS Diode

TPMMBZ27VCWT1G Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPMMBZ27VCWT1G Product details

Features
® 150W peak pulse power(8/2011s)
# Ultra low leakage: nA level
® Operating voltage: 22V'
® Low clamping voltage
® Complies with following standards:
— IEC 61000-4-2 (ESD) immunity test
Air discharge: +15kV
Contact discharge: +8kV'
— IEC61000-4-4 (EFT) 40A (5/50ns)
—IEC61000-4-5 (Lightning) 3A (8/20ps)
® RoHS Compliant




Similar Part No. - TPMMBZ27VCWT1G

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPMMBZ27VCLT1G TECHPUBLIC-TPMMBZ27VCLT1G Datasheet
958Kb / 4P
2-Line Uni-directional TVS Diode
More results


Similar Description - TPMMBZ27VCWT1G

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
ASM05 APMICRO-ASM05 Datasheet
520Kb / 5P
2-Line Uni-directional TVS Diode Array
ASM07 APMICRO-ASM07 Datasheet
675Kb / 5P
2-Line Uni-directional TVS Diode Array
logo
TECH PUBLIC Electronics...
ESDA14V2L TECHPUBLIC-ESDA14V2L Datasheet
1Mb / 4P
2-Line Uni-directional TVS Diode
NUP2105LT1G-TP TECHPUBLIC-NUP2105LT1G-TP Datasheet
1,008Kb / 4P
2-Line Uni-directional TVS Diode
PSOT12C TECHPUBLIC-PSOT12C Datasheet
1Mb / 4P
2-Line Uni-directional TVS Diode
SM12T1G TECHPUBLIC-SM12T1G Datasheet
997Kb / 4P
2-Line Uni-directional TVS Diode
TPPACDN042Y3R TECHPUBLIC-TPPACDN042Y3R Datasheet
986Kb / 4P
2-Line Uni-directional TVS Diode
TPMMBZ27VCLT1G TECHPUBLIC-TPMMBZ27VCLT1G Datasheet
958Kb / 4P
2-Line Uni-directional TVS Diode
TPNUP1105LT1G TECHPUBLIC-TPNUP1105LT1G Datasheet
1Mb / 4P
2-Line Uni-directional TVS Diode
TPE12U20AS3 TECHPUBLIC-TPE12U20AS3 Datasheet
1Mb / 4P
2-Line Uni-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com