Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103 Datasheet (PDF) - DFI Inc

SD103 Datasheet PDF - DFI Inc
Part # SD103
Download  SD103 Download
File Size   1181.04 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description 7/6th Gen Intel® CoreTM Thin Mini-ITX

SD103 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD103 Datasheet PDF - DFI Inc

Part # SD103
Download  SD103 Click to download

File Size   1181.04 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description 7/6th Gen Intel® CoreTM Thin Mini-ITX

SD103 Datasheet (HTML) - DFI Inc


SD103 Product details

Features
• 2 DDR4 SODIMM up to 32GB
• Three independent displays: LVDS + DVI-I + HDMI*/DP
• DP resolution up to 4096x2304 @ 60Hz
Dual Channel LVDS resolution up to 1920x1200 @ 60Hz
• Multiple expansion: 1 PCIe x4, 2 Mini PCIe
• Rich I/O: 2 Intel GbE, 4 COM, 4 USB 3.0, 4 USB 2.0
• LPC EXT-RS232/485 module extends additional 4 COM ports




Similar Part No. - SD103

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SD103 RECTRON-SD103 Datasheet
80Kb / 1P
SCHOTTKY SWITCHING DIODE
logo
DFI Inc
SD103-H110 DFI-SD103-H110 Datasheet
1Mb / 2P
7/6th Gen Intel® CoreTM Thin Mini-ITX
logo
Dc Components
SD1030 DCCOM-SD1030 Datasheet
249Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
logo
Won-Top Electronics
SD1030 WTE-SD1030 Datasheet
64Kb / 4P
10A SCHOTTKY BARRIER DIODE
SD1030 WTE-SD1030 Datasheet
68Kb / 4P
10A SCHOTTKY BARRIER DIODE
More results


Similar Description - SD103

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
CR100-CRM GSR-CR100-CRM Datasheet
729Kb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HD100-H81 GSR-HD100-H81 Datasheet
386Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HM100-HM86 GSR-HM100-HM86 Datasheet
415Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HR100-CRM GSR-HR100-CRM Datasheet
1Mb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HU101 GSR-HU101 Datasheet
460Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
logo
DFI Inc
SU251 DFI-SU251 Datasheet
992Kb / 2P
6th Gen Intel CoreTM 4"||" "1251089
6th Gen Intel Core 4"||" "1251090
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WM343-KD330 DFI-WM343-KD330 Datasheet
693Kb / 2P
6th/7th Gen Intel CoreTM Processor Desktop Box PC
WM343-SD330 DFI-WM343-SD330 Datasheet
648Kb / 2P
6th Gen Intel CoreTM Processor Desktop Box PC
WM343-SD331 DFI-WM343-SD331 Datasheet
648Kb / 4P
6th Gen Intel CoreTM Processor Desktop Box PC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com