Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH960-HM170 Datasheet (PDF) - DFI Inc

SH960-HM170 Datasheet PDF - DFI Inc
Part # SH960-HM170
Download  SH960-HM170 Download
File Size   1134.09 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description 6th Gen Intel® Xeon®/CoreTM Processor COM Express® Basic

SH960-HM170 Datasheet (PDF)

Go To PDF Page Download Datasheet
SH960-HM170 Datasheet PDF - DFI Inc

Part # SH960-HM170
Download  SH960-HM170 Click to download

File Size   1134.09 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description 6th Gen Intel® Xeon®/CoreTM Processor COM Express® Basic

SH960-HM170 Datasheet (HTML) - DFI Inc


SH960-HM170 Product details

Features
• Dual channel DDR4 2133MHz SODIMM up to 32GB
• Four display ports: VGA*/DDI + LVDS*/eDP + 2 DDI
Supports three independent displays
• eDP resolution supports up to 4096x2304 @ 60Hz
• Multiple expansion: 1 PCIe x16, 8 PCIe x1
• Rich I/O: 1 Intel GbE, 4 USB 3.0, 8 USB 2.0




Similar Part No. - SH960-HM170

ManufacturerPart #DatasheetDescription
logo
DFI Inc
SH960-CM236 DFI-SH960-CM236 Datasheet
1Mb / 2P
6th Gen Intel® Xeon®/CoreTM Processor COM Express® Basic
SH960-CM236BS-1515M DFI-SH960-CM236BS-1515M Datasheet
1Mb / 2P
6th Gen Intel® Xeon®/CoreTM Processor COM Express® Basic
SH960-CM236BS-3900E DFI-SH960-CM236BS-3900E Datasheet
1Mb / 2P
6th Gen Intel® Xeon®/CoreTM Processor COM Express® Basic
SH960-CM236BS-6100E DFI-SH960-CM236BS-6100E Datasheet
1Mb / 2P
6th Gen Intel® Xeon®/CoreTM Processor COM Express® Basic
SH960-QM170 DFI-SH960-QM170 Datasheet
1Mb / 2P
6th Gen Intel® Xeon®/CoreTM Processor COM Express® Basic
More results


Similar Description - SH960-HM170

ManufacturerPart #DatasheetDescription
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
HM961-HM86 DFI-HM961-HM86 Datasheet
1,011Kb / 2P
4th Gen Intel CoreTM COM Express Basic
HM961-QM87 DFI-HM961-QM87 Datasheet
849Kb / 2P
4th Gen Intel CoreTM COM Express Basic
KH960-CM238 DFI-KH960-CM238 Datasheet
890Kb / 2P
Intel Xeon/7th Gen Intel CoreTM Processor COM Express Basic
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
Advantech Co., Ltd.
SOM-5899 ADVANTECH-SOM-5899 Datasheet
531Kb / 3P
9th/8thGen Intel® Xeon®/Core™ Processors COM Express Basic Module Type 6
18-May-2022
SOM-5993 ADVANTECH-SOM-5993 Datasheet
473Kb / 2P
Intel® Xeon® D Processor (Code Name: Ice Lake-D LCC) COM Express® Basic Type7
28-Jul-2022
logo
AAEON Technology
COM-ICDB7 AAEON-COM-ICDB7 Datasheet
427Kb / 2P
COM Express Type 7 with Intel® Xeon® D Processors
2023/05/08
COM-KBHB6 AAEON-COM-KBHB6 Datasheet
604Kb / 2P
COM Express Type 6 Basic Size with 7th Gen. Intel® Xeon® E3 v6 Series Processors
2022/09/01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com