Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M251 Datasheet (PDF) - Solid State Inc

M251 Datasheet PDF - Solid State Inc
Part # M251
Download  M251 Download
File Size   175.19 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low on-resistance (1 ohm MAX)

M251 Datasheet (PDF)

Go To PDF Page Download Datasheet
M251 Datasheet PDF - Solid State Inc

Part # M251
Download  M251 Click to download

File Size   175.19 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low on-resistance (1 ohm MAX)

M251 Datasheet (HTML) - Solid State Inc


M251 Product details

APPLICATIONS
• Multiplexers
• Meter Reading Systems
• Data Acquisition
• Medical Equipment
• Battery Monitoring
• Home Safety/ Security Systems

FEATURES
• Low on-resistance (1 ohm MAX)
• High Load Current Rating (400mA continuous MAX)
• Low input current (2.5mA MAX)
• High input-to-output isolation (1500Vrms)
• Ultra Miniature 4 pin SOP package
• Long life / high reliability




Similar Part No. - M251

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M251 SSOUSA-M251 Datasheet
175Kb / 5P
Low on-resistance (1 ohm MAX)
logo
Nuvoton Technology Corp...
M251 NUVOTON-M251 Datasheet
4Mb / 266P
Arm짰 Cortex짰-M 32-bit Microcontroller
logo
MTRONPTI
M251023TCN MTRONPTI-M251023TCN Datasheet
124Kb / 3P
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M251024TCN MTRONPTI-M251024TCN Datasheet
124Kb / 3P
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M251026TCN MTRONPTI-M251026TCN Datasheet
124Kb / 3P
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
More results


Similar Description - M251

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6680GM A-POWER-AP6680GM Datasheet
85Kb / 6P
Low On-Resistance, High Vgs Max Rating Voltage
logo
Analog Devices
ADG602BRTZ-REEL AD-ADG602BRTZ-REEL Datasheet
327Kb / 12P
Low on resistance, 2.5 OHM maximum
REV. C
ADG1409YRUZ AD-ADG1409YRUZ Datasheet
459Kb / 20P
4.7 OHM maximum on resistance
REV. B
ADG1636BRUZ AD-ADG1636BRUZ Datasheet
526Kb / 16P
1 OHM Typical On Resistance
REV. A
logo
Assmann Electronics Inc...
AK672M-2-3-GR ASSMANN-AK672M-2-3-GR Datasheet
206Kb / 1P
CONDUCT RESISTANCE : 2 OHM MAX
AK-310300-020-S ASSMANN-AK-310300-020-S Datasheet
541Kb / 1P
CONTACT RESISTANCE 3 OHM MAX
logo
Solid State Optronic
AD2C541 SSOUSA-AD2C541_15 Datasheet
243Kb / 5P
Low On-Resistance (1 ohm MAX)
AD6C541 SSOUSA-AD6C541_15 Datasheet
346Kb / 8P
Low On Resistance (1 Max)
AD6C641 SSOUSA-AD6C641 Datasheet
226Kb / 5P
Low on-resistance (0.35 ohm TYP)
M251 SSOUSA-M251 Datasheet
175Kb / 5P
Low on-resistance (1 ohm MAX)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com