Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M271 Datasheet (PDF) - Solid State Inc

M271 Datasheet PDF - Solid State Inc
Part # M271
Download  M271 Download
File Size   170.35 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Ultra miniature 4-pin small outline package

M271 Datasheet (PDF)

Go To PDF Page Download Datasheet
M271 Datasheet PDF - Solid State Inc

Part # M271
Download  M271 Click to download

File Size   170.35 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Ultra miniature 4-pin small outline package

M271 Datasheet (HTML) - Solid State Inc


M271 Product details

APPLICATIONS
• Reed relay replacement
• Meter reading systems
• Medical equipment
• Battery monitoring
• Multiplexers

FEATURES
• Ultra miniature 4-pin small outline package
• Low input control power consumption (3mA TYP)
• 10 ohms maximum on-resistance
• 60V load voltage rating
• 125mA maximum continuous load current
• High input-to-output isolation (1500V MIN)
• Long life/high reliability




Similar Part No. - M271

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M271 ETC1-M271 Datasheet
167Kb / 5P
Solid State Relay
logo
Solid State Optronic
M271 SSOUSA-M271 Datasheet
165Kb / 5P
1 Form A Solid State Relay
logo
List of Unclassifed Man...
M271-TR ETC1-M271-TR Datasheet
167Kb / 5P
Solid State Relay
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
NMOS 128K 16K x 8 UV EPROM
Mar-1995
logo
Intel Corporation
M27128A INTEL-M27128A Datasheet
622Kb / 9P
AVDVANCED 64K (8K x 8) UV ERASABLE PROM
More results


Similar Description - M271

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M211 SSOUSA-M211_15 Datasheet
181Kb / 5P
Ultra miniature 4-pin small outline package
M222 SSOUSA-M222_15 Datasheet
171Kb / 5P
Ultra miniature 4-pin small outline package
TDM3021 SSOUSA-TDM3021 Datasheet
333Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3022 SSOUSA-TDM3022 Datasheet
334Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3041 SSOUSA-TDM3041 Datasheet
376Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3042 SSOUSA-TDM3042 Datasheet
377Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3051 SSOUSA-TDM3051 Datasheet
334Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3052 SSOUSA-TDM3052 Datasheet
342Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3081 SSOUSA-TDM3081 Datasheet
376Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3082 SSOUSA-TDM3082 Datasheet
386Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com