Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF620S Datasheet (PDF) - TRANSYS Electronics Limited

IRF620S Datasheet PDF - TRANSYS Electronics Limited
Part # IRF620S
Download  IRF620S Download
File Size   148.75 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Power MOSFET

IRF620S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF620S Datasheet PDF - TRANSYS Electronics Limited

Part # IRF620S
Download  IRF620S Click to download

File Size   148.75 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Power MOSFET

IRF620S Datasheet (HTML) - TRANSYS Electronics Limited


IRF620S Product details

Power MOSFET

VDSS =200V, RDS(on) = 0.80 ohm, ID = 5.2 A




Similar Part No. - IRF620S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF620S IRF-IRF620S Datasheet
198Kb / 6P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRF620S VISHAY-IRF620S Datasheet
141Kb / 8P
Vishay Siliconix
30-May-11
IRF620S VISHAY-IRF620S Datasheet
141Kb / 8P
Power MOSFET
30-May-11
IRF620S VISHAY-IRF620S Datasheet
217Kb / 9P
Power MOSFET
07-Sep-2020
logo
International Rectifier
IRF620SPBF IRF-IRF620SPBF Datasheet
1Mb / 9P
HEXFET POWER MOSFET (VDSS=200V , RDS(on)=0.80廓 , ID=5.2A )
More results


Similar Description - IRF620S

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com