Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD9C3.3ST5G Datasheet (PDF) - TECH PUBLIC Electronics co LTD

ESD9C3.3ST5G Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # ESD9C3.3ST5G
Download  ESD9C3.3ST5G Download
File Size   1262.27 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance 1-Line Unidirectional Diode

ESD9C3.3ST5G Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD9C3.3ST5G Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # ESD9C3.3ST5G
Download  ESD9C3.3ST5G Click to download

File Size   1262.27 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance 1-Line Unidirectional Diode

ESD9C3.3ST5G Datasheet (HTML) - TECH PUBLIC Electronics co LTD


ESD9C3.3ST5G Product details

Features

@ Ultra low capacitance: 0.5pF typical

© Ultra low leakage: nA level

® Low operating voltage: 3.3V

® Low clamping voltage

® 2-pin leadless package

® Complies with following standards:

® — [EC 61000-4-2 (ESD) immunity test
Air discharge: £20kV
Contact discharge: +15kV

@ — IEC61000-4-5 (Lightning)4 A (8/20s)

® RoHS Compliant

® Lead Finish: NiPdAu




Similar Part No. - ESD9C3.3ST5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD9C3.3ST5G ONSEMI-ESD9C3.3ST5G Datasheet
38Kb / 3P
ESD Protection Diodes In Ultra Small SOD-923 Package
April, 2007 ??Rev. 0
ESD9C3.3ST5G ONSEMI-ESD9C3.3ST5G Datasheet
106Kb / 4P
Transient Voltage Suppressors
January, 2013 ??Rev. 3
ESD9C3.3ST5G ONSEMI-ESD9C3.3ST5G_13 Datasheet
106Kb / 4P
Transient Voltage Suppressors
January, 2013 ??Rev. 3
More results


Similar Description - ESD9C3.3ST5G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL5UF PHILIPS-PESDXL5UF Datasheet
112Kb / 17P
Low capacitance unidirectional fivefold ESD protection diode capacitance unidirectional fivefold ESD protection diode
Rev. 02-8 January 2008
PESD5V0L1ULD PHILIPS-PESD5V0L1ULD Datasheet
265Kb / 12P
Low capacitance unidirectional ESD protection diode
Rev. 1-19 April 2011
logo
Diodes Incorporated
D5V0F1U2LP3 DIODES-D5V0F1U2LP3 Datasheet
270Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 3
D5V0F1U2S9 DIODES-D5V0F1U2S9 Datasheet
242Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 1
DT2042-01CSP DIODES-DT2042-01CSP Datasheet
273Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 2
logo
Applied Power Microelec...
AR0501D5 APMICRO-AR0501D5 Datasheet
748Kb / 4P
1-Line Low Capacitance TVS Diode
logo
Alpha & Omega Semicondu...
AOZ8S325UDS-40 AOSMD-AOZ8S325UDS-40 Datasheet
390Kb / 5P
1-Channel Unidirectional Low Capacitance TVS
Rev. 1.0 June 2022
logo
Diodes Incorporated
D5V0F1U2LP3Q DIODES-D5V0F1U2LP3Q Datasheet
381Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
June 2022 Rev. 1 - 2
D5V0F1U2S9Q DIODES-D5V0F1U2S9Q Datasheet
211Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
April 2019 Rev. 1 - 2
DESDALC14V2LP3 DIODES-DESDALC14V2LP3 Datasheet
430Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
October 2014 Rev. 4 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com