Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5801 Datasheet (PDF) - Analog Devices

AD5801 Datasheet PDF - Analog Devices
Part # AD5801
Download  AD5801 Download
File Size   196.26 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Piezo-Electric Actuator Controller

AD5801 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5801 Datasheet PDF - Analog Devices

Part # AD5801
Download  AD5801 Click to download

File Size   196.26 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Piezo-Electric Actuator Controller

AD5801 Datasheet (HTML) - Analog Devices


AD5801 Product details

GENERAL DESCRIPTION

The AD5801 is a high efficiency ultrasonic motor controller with two Class D-type output drivers. These Class D-type drivers can be used independently or configured as an H-bridge driver, and have full pattern programmability. There are also six integrated drivers which can be operated independently and have programmable output patterns. The AD5801 also has integrated drivers which are programmable from 130mA to 200mA, and may be used for a combination of Shutter and NDF/IRIS control.

The operation modes of the drivers are invoked by the AD5801 using an I2C compatible interface.



FEATURES

Two Efficient Class D-type Amplifiers

Six Integrated Pattern Drivers

Programmable Output Drive Patterns

12-bit ADC Voltage or Current Sensing for Position Feedback

Programmable Shutter Control

On board temperature sensing

Optional Off-board Temperature Sensing

32-lead 5mm X 5mm LFCSP Package



APPLICATIONS

Camera Phones

Piezoelectric Positioning

Piezo Actuators

Lens Auto focus

Lens Zoom

Iris/Exposure

NDF Neutral density Filter

Shutter

Camera Phone

Camera Enabled PDA

Camera/Image Modules

Digital Still Camera DSC

Web Cameras

Security Cameras

Digital Camcorders




Similar Part No. - AD5801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5801 AD-AD5801 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD5801 AD-AD5801 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD58012 AD-AD58012 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD58012 AD-AD58012 Datasheet
395Kb / 6P
Tape and Reel Packaging
More results


Similar Description - AD5801

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-M2SC FUJITSU-FAR-M2SC Datasheet
38Kb / 6P
Piezo Electric VCO
logo
CUI INC
CEB-20D64 CUI-CEB-20D64 Datasheet
255Kb / 4P
piezo electric diaphragm
CEB-27D44 CUI-CEB-27D44 Datasheet
249Kb / 4P
piezo electric diaphragm
CEB-27FD44 CUI-CEB-27FD44 Datasheet
83Kb / 4P
piezo electric diaphragm
CEB-35D26 CUI-CEB-35D26 Datasheet
256Kb / 4P
piezo electric diaphragm
CEB-35FD29 CUI-CEB-35FD29 Datasheet
98Kb / 4P
piezo electric diaphragm
CEB-44D06 CUI-CEB-44D06 Datasheet
283Kb / 4P
piezo electric diaphragm
CEB-20FD64 CUI-CEB-20FD64 Datasheet
326Kb / 4P
piezo electric diaphragm
logo
Festo Corporation.
1347391 FESTO-1347391 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574095 FESTO-574095 Datasheet
92Kb / 2P
Electric actuator
5/8/22
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com