Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2200869 Datasheet (PDF) - PHOENIX CONTACT

2200869 Datasheet PDF - PHOENIX CONTACT
Part # 2200869
Download  2200869 Download
File Size   290.28 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 2,5/ 4-R GN - PCB terminal block

2200869 Datasheet (PDF)

Go To PDF Page Download Datasheet
2200869 Datasheet PDF - PHOENIX CONTACT

Part # 2200869
Download  2200869 Click to download

File Size   290.28 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 2,5/ 4-R GN - PCB terminal block

2200869 Datasheet (HTML) - PHOENIX CONTACT


2200869 Product details

Printed circuit board terminal, nominal current: 22 A, rated voltage (III/2): 250 V, nominal cross
section: 2.5 mm2, number of potentials: 4, number of rows: 1, number of positions per row: 4,
product range: FKDSO 2,5/..-R, pitch: 5 mm, connection method: Push-in spring connection,
mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout:
Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard. Product with pin output on right side




Similar Part No. - 2200869

ManufacturerPart #DatasheetDescription
logo
Pro-Power
22008 PROPOWER-22008 Datasheet
147Kb / 1P
Desk Cable Tidy
30/11/12 V1.0
logo
PHOENIX CONTACT
2200839 PHOENIX-2200839 Datasheet
289Kb / 9P
FKDSO 2,5/ 4-L BK - PCB terminal block
2200840 PHOENIX-2200840 Datasheet
289Kb / 9P
FKDSO 2,5/ 4-R BK - PCB terminal block
2200871 PHOENIX-2200871 Datasheet
287Kb / 9P
FKDSO 2,5/ 3-R GN - PCB terminal bl
2200873 PHOENIX-2200873 Datasheet
285Kb / 9P
FKDSO 2,5/ 2-R GN - PCB terminal block
More results


Similar Description - 2200869

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706640 PHOENIX-1706640 Datasheet
100Kb / 4P
PCB terminal block - BC-500X10- 4 GN
1707247 PHOENIX-1707247 Datasheet
79Kb / 5P
Basic terminal block - MKDSO 2,5/ 4-R
2200316 PHOENIX-2200316 Datasheet
118Kb / 4P
FKDSO 2,5/ 2-R KMGY
2200317 PHOENIX-2200317 Datasheet
120Kb / 4P
FKDSO 2,5/ 3-R KMGY
2200319 PHOENIX-2200319 Datasheet
131Kb / 7P
PCB terminal block - FKDSO 2,5/ 4-L KMGY
2201128 PHOENIX-2201128 Datasheet
113Kb / 4P
PCB terminal block - FKDSO 2,5 HV/3-L 7,5 GY7035
2908443 PHOENIX-2908443 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-R BK VPE200
2908472 PHOENIX-2908472 Datasheet
81Kb / 6P
PCB terminal block - MKDSO 2,5/ 4-R KMGY
2909581 PHOENIX-2909581 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-R GY
5454252 PHOENIX-5454252 Datasheet
94Kb / 3P
PCB terminal block - BC-500X14- 4 GN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com