Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201080 Datasheet (PDF) - PHOENIX CONTACT

2201080 Datasheet PDF - PHOENIX CONTACT
Part # 2201080
Download  2201080 Download
File Size   295.24 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 45 OT-MSTBO RD VPE100 - Upper housing part

2201080 Datasheet (PDF)

Go To PDF Page Download Datasheet
2201080 Datasheet PDF - PHOENIX CONTACT

Part # 2201080
Download  2201080 Click to download

File Size   295.24 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 45 OT-MSTBO RD VPE100 - Upper housing part

2201080 Datasheet (HTML) - PHOENIX CONTACT


2201080 Product details

DIN rail housing, Upper housing part for connectors with header, width: 45.2 mm, height: 99 mm,
depth: 45.85 mm, color: red (similar RAL 3001)




Similar Part No. - 2201080

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
220101B ITF-220101B Datasheet
204Kb / 5P
SAW Bandpass Filter
2004-07-02
logo
PHOENIX CONTACT
2201070 PHOENIX-2201070 Datasheet
330Kb / 8P
BC 17,8 UT HBUS KMGY - Mounting base housing
2201078 PHOENIX-2201078 Datasheet
294Kb / 8P
ME 17,5 OT-MSTBO RD VPE100 - Upper housing part
2201097 PHOENIX-2201097 Datasheet
618Kb / 21P
Series EH...F electronics housings
2015-03-05
More results


Similar Description - 2201080

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907761 PHOENIX-2907761 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-MSTBO KMGY
2201454 PHOENIX-2201454 Datasheet
172Kb / 11P
Upper part of housing - BC 161,6 OT 000022 KMGY
09/12/2020
2201607 PHOENIX-2201607 Datasheet
51Kb / 2P
Upper part of housing - BC 53,6 OT U11 BK
12/02/2018
2278513 PHOENIX-2278513 Datasheet
139Kb / 10P
Upper part of housing - BC 161,6 OT U11 KMGY
09/12/2020
2278526 PHOENIX-2278526 Datasheet
175Kb / 12P
Upper part of housing - BC 161,6 OT U22 KMGY
09/12/2020
2896076 PHOENIX-2896076 Datasheet
144Kb / 10P
Upper part of housing - BC 107,6 OT U11 KMGY
09/12/2020
2896089 PHOENIX-2896089 Datasheet
175Kb / 12P
Upper part of housing - BC 107,6 OT U22 KMGY
09/12/2020
2202718 PHOENIX-2202718 Datasheet
301Kb / 5P
Upper part of housing - ME 12,5 OT-MKDSO BU
11/25/2021
1340863 PHOENIX-1340863 Datasheet
497Kb / 12P
Upper part of housing - BC 107,6 OT 1D1K1P0RKMGY
Nov 3, 2022
1340864 PHOENIX-1340864 Datasheet
513Kb / 12P
Upper part of housing - BC 71,6 OT 2P2K00C KMGY
Nov 3, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com