Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2707453 Datasheet (PDF) - PHOENIX CONTACT

2707453 Datasheet PDF - PHOENIX CONTACT
Part # 2707453
Download  2707453 Download
File Size   306.03 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 35 UT/FE1 BUS/102 GN - Mounting base housing

2707453 Datasheet (PDF)

Go To PDF Page Download Datasheet
2707453 Datasheet PDF - PHOENIX CONTACT

Part # 2707453
Download  2707453 Click to download

File Size   306.03 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 35 UT/FE1 BUS/102 GN - Mounting base housing

2707453 Datasheet (HTML) - PHOENIX CONTACT


2707453 Product details

DIN rail housing, Lower housing part with metal foot catch, with FE contact, tall design, with
vents, width: 35.2 mm, height: 99 mm, depth: 107.3 mm, color: green (similar RAL 6021), cross
connection: integrated bus connector, number of positions cross connector: 10+2, Bus
connector: 10 parallel contacts, 2 serial contacts




Similar Part No. - 2707453

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2707408 PHOENIX-2707408 Datasheet
142Kb / 7P
When a device is unplugged from the system as a whole, the signal chain is not interrupted혯 Supply via standard MINI COMBICON plug
2707437 PHOENIX-2707437 Datasheet
150Kb / 3P
DIN rail bus connectors - ME 22,5 TBUS 1,5/ 5-ST-3,81 G
2707437 PHOENIX-2707437 Datasheet
221Kb / 9P
Current transducer for 1 A and 5 A AC
2013-04-22
2707440 PHOENIX-2707440 Datasheet
306Kb / 7P
ME 45 UT/FE1 BUS/102 GN - Mounting base housing
2707466 PHOENIX-2707466 Datasheet
180Kb / 4P
ME MF 12,5 - Base latch
More results


Similar Description - 2707453

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2915232 PHOENIX-2915232 Datasheet
75Kb / 6P
Electronic housing - ME 22,5 UT BUS/102 GN
2200740 PHOENIX-2200740 Datasheet
52Kb / 2P
Electronic housing - ME 22,5 UT BUS/102 KMGY
2907198 PHOENIX-2907198 Datasheet
56Kb / 2P
Electronic housing - ME 35 UT GN
2854157 PHOENIX-2854157 Datasheet
121Kb / 9P
Mounting base housing - ME 22,5 F-UTG/FE GN
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
2200544 PHOENIX-2200544 Datasheet
222Kb / 11P
Mounting base housing - ME 67,5 UT TBUS KMGY
11/25/2021
2200545 PHOENIX-2200545 Datasheet
227Kb / 11P
Mounting base housing - ME 90 UT TBUS KMGY
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com