Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S108-X Datasheet (PDF) - Solid State Inc

S108-X Datasheet PDF - Solid State Inc
Part # S108-X
Download  S108-X Download
File Size   551.77 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Zero-Volt Cross Switching

S108-X Datasheet (PDF)

Go To PDF Page Download Datasheet
S108-X Datasheet PDF - Solid State Inc

Part # S108-X
Download  S108-X Click to download

File Size   551.77 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Zero-Volt Cross Switching

S108-X Datasheet (HTML) - Solid State Inc


S108-X Product details

Features
• Zero-Volt Cross Switching
• Input Series Limiting Resistor (300Ω TYP)
• High Blocking Voltage (700V MIN)
• High Transient Immunity
• 0.8A Maximum Continuous Current
• Low Input Control Current
• Long Life / High Reliability
• RoHS / Pb-Free / REACH Compliant

Applications
• Valve Control
• Solenoid Control
• Home Appliances
• Metering Equipment
• Heating Elements
• Gas Pump Control Circuitry




Similar Part No. - S108-X

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
Zero-Volt Cross Switching
More results


Similar Description - S108-X

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S106 SSOUSA-S106_15 Datasheet
235Kb / 5P
Zero-Volt Cross Switching
S106-X SSOUSA-S106-X_15 Datasheet
441Kb / 8P
Zero-Volt Cross Switching
S108 SSOUSA-S108 Datasheet
247Kb / 8P
Zero-Volt Cross Switching
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
Zero-Volt Cross Switching
S109 SSOUSA-S109 Datasheet
247Kb / 8P
Zero-Volt Cross Switching
S109-X SSOUSA-S109-X Datasheet
275Kb / 8P
Zero-Volt Cross Switching
S112-X SSOUSA-S112-X Datasheet
347Kb / 8P
Zero-Volt Cross Switching
S642-X SSOUSA-S642-X_15 Datasheet
275Kb / 7P
Zero-Volt Cross Switching
S842 SSOUSA-S842_15 Datasheet
212Kb / 5P
Zero-Volt Cross Switching
S942-X SSOUSA-S942-X Datasheet
275Kb / 7P
Zero-Volt Cross Switching
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com