Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20694 Datasheet (PDF) - Atom Lighting

20694 Datasheet PDF - Atom Lighting
Part # 20694
Download  20694 Download
File Size   126.08 Kbytes
Page   2 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description AT9228 Assembly

20694 Datasheet (PDF)

Go To PDF Page Download Datasheet
20694 Datasheet PDF - Atom Lighting

Part # 20694
Download  20694 Click to download

File Size   126.08 Kbytes
Page   2 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description AT9228 Assembly

20694 Datasheet (HTML) - Atom Lighting


20694 Product details

Description
Square Deep Recessed Assembly 9.6W/m IP20 LED Strip and driver / 3000K / 90CRI / 1M




Similar Part No. - 20694

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
2069 KEYSTONE-2069 Datasheet
472Kb / 1P
COMPUTER HARDWARE
31-07 20th
logo
RAF ELECTRONIC HARDWARE
2069-440-SS RAF-2069-440-SS Datasheet
92Kb / 1P
3/16 HEX FEMALE STANDOFFS
logo
Vicor Corporation
20690 VICOR-20690 Datasheet
48Kb / 1P
SOCKET ASSY, 2MM, 12-14 AWG. HIGH CURRENT
logo
Atom Lighting
20690 ATOM-20690 Datasheet
126Kb / 2P
AT9228 Assembly
31st of January 2025 06:54:10
logo
Vicor Corporation
20690-01 VICOR-20690-01 Datasheet
48Kb / 1P
SOCKET ASSY, 2MM, 12-14 AWG. HIGH CURRENT
More results


Similar Description - 20694

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
SIP5 LSI-SIP5 Datasheet
37Kb / 2P
LSI Assembly
logo
Rohm
HQFN36V ROHM-HQFN36V Datasheet
38Kb / 2P
LSI Assembly
QFP32 ROHM-QFP32 Datasheet
38Kb / 2P
LSI Assembly
QFP80 ROHM-QFP80 Datasheet
43Kb / 2P
LSI Assembly
QFP120 ROHM-QFP120 Datasheet
41Kb / 2P
LSI Assembly
QFP-A64 ROHM-QFP-A64 Datasheet
39Kb / 2P
LSI Assembly
SOP14 ROHM-SOP14 Datasheet
35Kb / 2P
LSI Assembly
SQFP56 ROHM-SQFP56 Datasheet
40Kb / 2P
LSI Assembly
SQFP100 ROHM-SQFP100 Datasheet
43Kb / 2P
LSI Assembly
SQFP-T80C ROHM-SQFP-T80C Datasheet
41Kb / 2P
LSI Assembly
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com