Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED100FLWHP Datasheet (PDF) - Timeguard

LED100FLWHP Datasheet PDF - Timeguard
Part # LED100FLWHP
Download  LED100FLWHP Download
File Size   335.18 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 8.5W LED Compact Floodlight Single FloodWhite

LED100FLWHP Datasheet (PDF)

Go To PDF Page Download Datasheet
LED100FLWHP Datasheet PDF - Timeguard

Part # LED100FLWHP
Download  LED100FLWHP Click to download

File Size   335.18 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 8.5W LED Compact Floodlight Single FloodWhite

LED100FLWHP Datasheet (HTML) - Timeguard


LED100FLWHP Product details

Features & Benefits
8.5W Powerful LED compact floodight.
1000 lumen bright white light.
Pan and tilt light aiming adjustment (per head).
Opal Diffuser for a even light distribution.
Rear & bottom cable entry.
Full polycarbonate lightweight housing.
Back box or wall mountable.
New integrated Samsung SMD chipsets for added reliability and efficient heat dissipation.
IP55 Weatherproof rating.




Similar Part No. - LED100FLWHP

ManufacturerPart #DatasheetDescription
logo
Timeguard
LED100FLBP TIMEGUARD-LED100FLBP Datasheet
337Kb / 3P
8.5W LED Compact Floodlight Single Flood – Black
13/02/2025
More results


Similar Description - LED100FLWHP

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD42351NA SILAN-SD42351NA Datasheet
334Kb / 4P
350MA WHITE SINGLE LED DRIVER
logo
A-BRIGHT Inc
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-100WDF-YHA-CW PARALIGHT-PARA-SPL-100WDF-YHA-CW Datasheet
206Kb / 4P
100W Flood Light
PARA-SPL-150WDF-YFA-CW PARALIGHT-PARA-SPL-150WDF-YFA-CW Datasheet
153Kb / 4P
150W Flood Light
logo
A-BRIGHT Inc
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K_15 Datasheet
222Kb / 4P
LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K_15 Datasheet
222Kb / 4P
LED Flood Light
logo
List of Unclassifed Man...
BD49 ETC-BD49 Datasheet
346Kb / 2P
Outdoor floodlight - Warm white LED - integrated dimmable DALI power supply - Flood optic
2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com