Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED200PIRBP Datasheet (PDF) - Timeguard

LED200PIRBP Datasheet PDF - Timeguard
Part # LED200PIRBP
Download  LED200PIRBP Download
File Size   392.34 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 17W LED Compact Floodlight Twin Flood With PIR – Black

LED200PIRBP Datasheet (PDF)

Go To PDF Page Download Datasheet
LED200PIRBP Datasheet PDF - Timeguard

Part # LED200PIRBP
Download  LED200PIRBP Click to download

File Size   392.34 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 17W LED Compact Floodlight Twin Flood With PIR – Black

LED200PIRBP Datasheet (HTML) - Timeguard


LED200PIRBP Product details

Features & Benefits
2x 8.5W Powerful LED compact twin floodight.
2x 1000 lumen bright white light.
Pan and tilt light aiming adjustment (per head).
Opal Diffuser for a even light distribution.
Rear & bottom cable entry.
Manual Override.
Full polycarbonate lightweight housing.
Back box or wall mountable.
New intergrated Samsung SMD chipsets for added reliability and efficient heat dissipation.
IP55 Weatherproof rating




Similar Part No. - LED200PIRBP

ManufacturerPart #DatasheetDescription
logo
Timeguard
LED200PIRWHP TIMEGUARD-LED200PIRWHP Datasheet
362Kb / 3P
17W LED Compact Floodlight Twin Flood With PIR – White
14/02/2025
More results


Similar Description - LED200PIRBP

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K Datasheet
222Kb / 4P
202.4x205.7mm LED Flood Light
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K_15 Datasheet
222Kb / 4P
LED Flood Light
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K_15 Datasheet
222Kb / 4P
LED Flood Light
logo
Molex Electronics Ltd.
1301100042 MOLEX11-1301100042 Datasheet
28Kb / 1P
Super-Safeway 500W Twin Halogen Floodlight Stanchion Mount with GFCI Outlet Box and Switch
1301100043 MOLEX11-1301100043 Datasheet
28Kb / 1P
Super-Safeway 500W Twin Halogen Floodlight Stanchion Mount with Switch
logo
Rohm
BM28723MUV ROHM-BM28723MUV Datasheet
4Mb / 82P
17W17W Full Digital Speaker Amplifier with built-in DSP
11.May.2018 Rev.002
logo
List of Unclassifed Man...
BD49 ETC-BD49 Datasheet
346Kb / 2P
Outdoor floodlight - Warm white LED - integrated dimmable DALI power supply - Flood optic
2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com