Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2200537 Datasheet (PDF) - PHOENIX CONTACT

2200537 Datasheet PDF - PHOENIX CONTACT
Part # 2200537
Download  2200537 Download
File Size   303.0 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 67,5 UT/FE BUS/52 KMGY - Mounting base housing

2200537 Datasheet (PDF)

Go To PDF Page Download Datasheet
2200537 Datasheet PDF - PHOENIX CONTACT

Part # 2200537
Download  2200537 Click to download

File Size   303.0 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 67,5 UT/FE BUS/52 KMGY - Mounting base housing

2200537 Datasheet (HTML) - PHOENIX CONTACT


2200537 Product details

DIN rail housing, Lower housing part with metal foot catch, with 3 FE contacts, tall design, with
vents, width: 67.8 mm, height: 99 mm, depth: 107.3 mm, color: light gray (similar RAL 7035),
cross connection: integrated bus connector, number of positions cross connector: 5+2, Bus
connector: 5 parallel contacts, 2 serial contacts




Similar Part No. - 2200537

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200530 PHOENIX-2200530 Datasheet
1Mb / 8P
ME MAX 90 G 2-2 KMGY - Electronics housing
2200532 PHOENIX-2200532 Datasheet
1Mb / 8P
ME MAX 90 G 3-3 KMGY - Electronics housing
2200533 PHOENIX-2200533 Datasheet
1Mb / 8P
ME MAX 90 G U-U1 KMGY - Electronics housing
2200534 PHOENIX-2200534 Datasheet
52Kb / 3P
Printed-circuit board connector - MCO 1,5/ 5-G1R-3,5 BK
2200535 PHOENIX-2200535 Datasheet
308Kb / 8P
ME 67,5 UT/FE KMGY - Mounting base ho
More results


Similar Description - 2200537

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2869430 PHOENIX-2869430 Datasheet
58Kb / 4P
Electronic housing - ME 12,5 UT KMGY
2200740 PHOENIX-2200740 Datasheet
52Kb / 2P
Electronic housing - ME 22,5 UT BUS/102 KMGY
2202951 PHOENIX-2202951 Datasheet
136Kb / 10P
Mounting base housing - BC 107,6 UT HBUS KMGY
09/12/2020
2854157 PHOENIX-2854157 Datasheet
121Kb / 9P
Mounting base housing - ME 22,5 F-UTG/FE GN
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
2200544 PHOENIX-2200544 Datasheet
222Kb / 11P
Mounting base housing - ME 67,5 UT TBUS KMGY
11/25/2021
2200545 PHOENIX-2200545 Datasheet
227Kb / 11P
Mounting base housing - ME 90 UT TBUS KMGY
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com