Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2279787 Datasheet (PDF) - PHOENIX CONTACT

2279787 Datasheet PDF - PHOENIX CONTACT
Part # 2279787
Download  2279787 Download
File Size   187.89 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME B-12,5 3MSTBO KMGY - Filler plug

2279787 Datasheet (PDF)

Go To PDF Page Download Datasheet
2279787 Datasheet PDF - PHOENIX CONTACT

Part # 2279787
Download  2279787 Click to download

File Size   187.89 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME B-12,5 3MSTBO KMGY - Filler plug

2279787 Datasheet (HTML) - PHOENIX CONTACT


2279787 Product details

DIN rail housing, Filler plug for unoccupied terminal points (3MSTBO), width: 10 mm, height: 16.
35 mm, depth: 18.5 mm, color: light gray (similar RAL 7035)




Similar Part No. - 2279787

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2279703 PHOENIX-2279703 Datasheet
107Kb / 4P
GMSTBO 2,5 HV/ 2-GL-7,25THRR32
2279732 PHOENIX-2279732 Datasheet
346Kb / 7P
BC 17,8 OTU MKDSO KMGY - Upper housing part
2279745 PHOENIX-2279745 Datasheet
45Kb / 2P
Ejector for COMBICON plug
More results


Similar Description - 2279787

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2869430 PHOENIX-2869430 Datasheet
58Kb / 4P
Electronic housing - ME 12,5 UT KMGY
2907761 PHOENIX-2907761 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-MSTBO KMGY
2914877 PHOENIX-2914877 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-1MSTBO KMGY
2199650 PHOENIX-2199650 Datasheet
60Kb / 3P
Filler plugs - ME MAX TBUS BS KMGY
09/12/2020
2706302 PHOENIX-2706302 Datasheet
58Kb / 3P
Cover - ME B-KA KMGY
09/11/2020
2706700 PHOENIX-2706700 Datasheet
53Kb / 3P
Cover - ME B-SA/NS 35 KMGY
09/12/2020
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2896186 PHOENIX-2896186 Datasheet
59Kb / 3P
Filler plugs - BC 17,6 BS U11 KMGY
09/12/2020
2901123 PHOENIX-2901123 Datasheet
52Kb / 2P
Housing - ME MAX 45 PLATE KMGY
11/05/2018
1340861 PHOENIX-1340861 Datasheet
180Kb / 4P
Filler plugs - BC F SPT 2,5/4 KMGY
Nov 3, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com