Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8671X Datasheet (PDF) - Maxim Integrated Products

MAX8671X Datasheet PDF - Maxim Integrated Products
Part # MAX8671X
Download  MAX8671X Download
File Size   796.97 Kbytes
Page   44 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description PMIC with Integrated Charger and Smart Power Selector for Handheld Devices

MAX8671X Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8671X Datasheet PDF - Maxim Integrated Products

Part # MAX8671X
Download  MAX8671X Click to download

File Size   796.97 Kbytes
Page   44 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description PMIC with Integrated Charger and Smart Power Selector for Handheld Devices

MAX8671X Datasheet (HTML) - Maxim Integrated Products


MAX8671X Product details

General Description

The MAX8671X integrated power-management IC (PMIC) is ideal for use in portable media players and other handheld devices. In addition to five regulated output voltages, the MAX8671X integrates a 1-cell lithium ion (Li+) or lithium polymer (Li-Poly) charger and Smart Power Selector™ with dual (AC-to-DC adapter and USB) power inputs. The dual-input Smart Power Selector supports end products with dual or single power connectors. All power switches for charging and switching the system load between battery and external power are included on-chip. No external MOSFETs are required.



Features

♦ 16V-Tolerant USB and DC Inputs

♦ Automatically Powers from External Power or Battery

♦ Operates with No Battery Present

♦ Single-Cell Li+/Li-Poly Charger

♦ Three 2MHz Step-Down Regulators Up to 96% Efficiency

♦ Two Low IQ Linear Regulators

♦ Output Power-Up Sequencing

♦ Thermal-Overload Protection



Applications

Portable Audio Players

GPS Portable Navigators



 




Similar Part No. - MAX8671X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8671X MAXIM-MAX8671X Datasheet
829Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
MAX8671XETL+ MAXIM-MAX8671XETL+ Datasheet
829Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
MAX8671X MAXIM-MAX8671X_08 Datasheet
829Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
More results


Similar Description - MAX8671X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8677C MAXIM-MAX8677C Datasheet
360Kb / 21P
1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 0; 4/07
MAX8677A MAXIM-MAX8677A Datasheet
356Kb / 21P
1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 1; 1/07
MAX8819A MAXIM-MAX8819A Datasheet
452Kb / 29P
PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
Rev 1; 4/09
MAX8671X MAXIM-MAX8671X_08 Datasheet
829Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
MAX77301 MAXIM-MAX77301 Datasheet
638Kb / 1P
JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection
Rev 0; 1/13
logo
Analog Devices
AD6528 AD-AD6528_15 Datasheet
163Kb / 1P
For Smartphone and Wireless Handheld Devices
Rev. PrA
logo
Active-Semi, Inc
ACT81460 ACTIVE-SEMI-ACT81460 Datasheet
5Mb / 60P
Low Power PMIC With Integrated Linear Charger
Rev 1.0, 18-Dec-2018
logo
Maxim Integrated Produc...
MAX8819 MAXIM-MAX8819 Datasheet
485Kb / 29P
PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
Rev 1; 4/09
MAX77301 MAXIM-MAX77301_V01 Datasheet
1Mb / 67P
JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection, and USB Enumeration
2021
MAX8819B MAXIM-MAX8819B Datasheet
485Kb / 29P
PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
2009
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com