Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4151 Datasheet (PDF) - First Components International

1N4151 Datasheet PDF - First Components International
Part # 1N4151
Download  1N4151 Download
File Size   55.99 Kbytes
Page   1 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 500 mW EPITAXIAL PLANAR DIODES

1N4151 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4151 Datasheet PDF - First Components International

Part # 1N4151
Download  1N4151 Click to download

File Size   55.99 Kbytes
Page   1 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 500 mW EPITAXIAL PLANAR DIODES

1N4151 Datasheet (HTML) - First Components International


1N4151 Product details

Features
■ PLANAR PROCESS
■ 500 mW POWER DISSIPATION
■ INDUSTRY STANDARD DO-35 PACKAGE
■ MEETS UL SPECIFICATION 94V-0




Similar Part No. - 1N4151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4151 PHILIPS-1N4151 Datasheet
53Kb / 8P
High-speed diodes
1999 Jun 01
logo
Vishay Siliconix
1N4151 VISHAY-1N4151 Datasheet
39Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Rectron Semiconductor
1N4151 RECTRON-1N4151 Datasheet
11Kb / 1P
SIGNAL DIODE
logo
Semtech Corporation
1N4151 SEMTECH-1N4151 Datasheet
88Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
logo
Shanghai Lunsure Electr...
1N4151 CHENYI-1N4151 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results


Similar Description - 1N4151

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMBB4148 ETC-FMBB4148 Datasheet
73Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
logo
First Components Intern...
FBAV19 FCI-FBAV19 Datasheet
60Kb / 1P
500 mW EPITAXIAL PLANAR DIODES
FMBBAS16 FCI-FMBBAS16 Datasheet
60Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
FMBBAV70 FCI-FMBBAV70 Datasheet
59Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
1N914 FCI-1N914 Datasheet
56Kb / 1P
250 mW EPITAXIAL PLANAR DIODES
1N4148 FCI-1N4148 Datasheet
42Kb / 1P
500 mW EPITAXIAL PLANAR DIODES
1N4448 FCI-1N4448 Datasheet
42Kb / 1P
500 mW EPITAXIAL PLANAR DIODES
BAS16 FCI-BAS16 Datasheet
75Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
BAV70 FCI-BAV70 Datasheet
75Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
1N4148 FCI-1N4148_1 Datasheet
123Kb / 2P
500 mW EPITAXIAL PLANAR DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com