Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4728 Datasheet (PDF) - First Components International

1N4728 Datasheet PDF - First Components International
Part # 1N4728
Download  1N4728 Download
File Size   172.2 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1 Watt ZENER DIODES (3.3V to 100V)

1N4728 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4728 Datasheet PDF - First Components International

Part # 1N4728
Download  1N4728 Click to download

File Size   172.2 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1 Watt ZENER DIODES (3.3V to 100V)

1N4728 Datasheet (HTML) - First Components International


1N4728 Product details

Features

■ 5 & 10% VOLTAGE TOLERANCES AVAILABLE

■ WIDE VOLTAGE RANGE

■ MEETS UL SPECIFICATION 94V-0



 




Similar Part No. - 1N4728

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N4728 MOTOROLA-1N4728 Datasheet
113Kb / 9P
One Watt Hermetically Sealed Glass Silicon Zener Diodes
logo
Semtech Corporation
1N4728 SEMTECH-1N4728 Datasheet
251Kb / 3P
SILICON PLANAR POWER ZENER DIODES?
logo
Shanghai Lunsure Electr...
1N4728 CHENYI-1N4728 Datasheet
55Kb / 3P
1W SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
1N4728 EIC-1N4728 Datasheet
27Kb / 2P
SILICON ZENER DIODES
logo
General Semiconductor
1N4728 GE-1N4728 Datasheet
79Kb / 3P
ZENER DIODES
More results


Similar Description - 1N4728

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
1 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
1 WATT ZENER DIODES
logo
First Components Intern...
LL4728 FCI-LL4728 Datasheet
182Kb / 2P
1 Watt ZENER DIODES (3.3V to 100V) Mechanical Dimensions
1N5913 FCI-1N5913 Datasheet
113Kb / 2P
1.5 Watt ZENER DIODES(3.3V to 200V)
BZX85C3V3 FCI-BZX85C3V3 Datasheet
98Kb / 2P
1 - 1.3 Watt ZENER DIODES (3.3V to 100V)
1N4728 FCI-1N4728_1 Datasheet
977Kb / 3P
1 Watt ZENER DIODES (3.3V to 100V) 1.0 W power dissipation
DL4728A FCI-DL4728A Datasheet
104Kb / 2P
1 Watt [3.3~100V] ZENER DIODES Junction Temp.
logo
Yea Shin Technology Co....
ZS4728A YEASHIN-ZS4728A Datasheet
872Kb / 5P
1000mW Surface Mount Zener Diodes - 3.3V-100V
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
Silicon 1 Watt Zener Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com