Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP-4L2 Datasheet (PDF) - Sumida Corporation

CP-4L2 Datasheet PDF - Sumida Corporation
Part # CP-4L2
Download  CP-4L2 Download
File Size   158.96 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description IFT Coils < SMD Type: CP Series>

CP-4L2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP-4L2 Datasheet PDF - Sumida Corporation

Part # CP-4L2
Download  CP-4L2 Click to download

File Size   158.96 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description IFT Coils < SMD Type: CP Series>

CP-4L2 Datasheet (HTML) - Sumida Corporation


CP-4L2 Product details

IFT Coils < SMD Type: CP Series>

◆ Product Description
• 6.0× 5.1mm Max.(L× W), 2.55mm Max. Height.
• Inductance range:330μ H Max.
• Operating Frequency:15MHz Max.
• In addition to the reference versions of parameters shown here, custom designs are available to meet your exact requirements.

◆ Feature
• Low profile variable type of tight-space design
• RoHS Compliance




Similar Part No. - CP-4L2

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CP-4LB SUMIDA-CP-4LB Datasheet
160Kb / 2P
IFT Coils
CP-4LBM SUMIDA-CP-4LBM Datasheet
127Kb / 2P
IFT Coils
CP-4LBMW SUMIDA-CP-4LBMW Datasheet
160Kb / 2P
IFT Coils
CP-4LBSW SUMIDA-CP-4LBSW Datasheet
160Kb / 2P
IFT Coils
More results


Similar Description - CP-4L2

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
MG56 SUMIDA-MG56 Datasheet
32Kb / 1P
IFT COILS < Pin Type: MG Series>
CPG54 SUMIDA-CPG54 Datasheet
34Kb / 1P
IFT COILS < SMD Type: CPG Series>
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
IFT COILS
PG57 SUMIDA-PG57 Datasheet
62Kb / 2P
IFT COILS < Pin Type: PG Series>
PG78 SUMIDA-PG78 Datasheet
67Kb / 2P
IFT Coils < Pin Type: PG Series>
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
IFT COILS
CMG65 SUMIDA-CMG65 Datasheet
123Kb / 1P
IFT Coils < < SMD Type: CMG Series>
PG78 SUMIDA-PG78_1 Datasheet
186Kb / 2P
IFT Coils < Pin Type: PG Series>
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com