Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RESD1CAN Datasheet (PDF) - TECH PUBLIC Electronics co LTD

RESD1CAN Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # RESD1CAN
Download  RESD1CAN Download
File Size   5567.55 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2-Line bi-directional TVS Diode

RESD1CAN Datasheet (PDF)

Go To PDF Page Download Datasheet
RESD1CAN Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # RESD1CAN
Download  RESD1CAN Click to download

File Size   5567.55 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2-Line bi-directional TVS Diode

RESD1CAN Datasheet (HTML) - TECH PUBLIC Electronics co LTD


RESD1CAN Product details

Features
4 90W peak pulse power(8/20s)
4 Ultra low leakage: nA level
4 Operating voltage: 24V
4 Low clamping voltage
4 Complies with following standards:
— IEC 61000-4-2 (ESD) immunity test
Air discharge: +25kV
Contact discharge: +20kV
— IEC61000-4-4 (EFT) 40A (5/50ns)
—IEC61000-4-5 (Lightning) 2A (8/20us)
4 RoHS Compliant




Similar Part No. - RESD1CAN

ManufacturerPart #DatasheetDescription
logo
Rohm
RESD1CAN ROHM-RESD1CAN Datasheet
1Mb / 9P
Transient Voltage Suppressor
RESD1CANFH ROHM-RESD1CANFH Datasheet
1Mb / 9P
Transient Voltage Suppressor
RESD1CANFH ROHM-RESD1CANFH Datasheet
1Mb / 9P
Transient Voltage Suppressor
2016/12/19_Rev.002
RESD1CANFHT ROHM-RESD1CANFHT Datasheet
1Mb / 8P
Transient Voltage Suppressor
RESD1CANFH ROHM-RESD1CANFH_V01 Datasheet
1Mb / 9P
Transient Voltage Suppressor
2016/12/19_Rev.002
More results


Similar Description - RESD1CAN

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
PESD5V0L2BT TECHPUBLIC-PESD5V0L2BT Datasheet
1Mb / 4P
2-Line Bi-directional TVS Diode
NUP2105LT1G TECHPUBLIC-NUP2105LT1G Datasheet
2Mb / 4P
2-Line bi -directional TVS Diode
PESD15VL2BT TECHPUBLIC-PESD15VL2BT Datasheet
1Mb / 4P
2-Line Bi-directional TVS Diode
SMC05 TECHPUBLIC-SMC05 Datasheet
1Mb / 4P
2-Line Bi-directional TVS Diode
PESD5V0U2BT TECHPUBLIC-PESD5V0U2BT Datasheet
942Kb / 4P
2-Line BI-directional TVS Diode
SM03C TECHPUBLIC-SM03C Datasheet
970Kb / 4P
2-Line Bi-directional TVS Diode
SM05C TECHPUBLIC-SM05C Datasheet
975Kb / 4P
2-Line Bi-directional TVS Diode
TPPESD12VL2BT TECHPUBLIC-TPPESD12VL2BT Datasheet
1Mb / 4P
2-Line Bi -directional TVS Diode
TPPESD15VL2BT TECHPUBLIC-TPPESD15VL2BT Datasheet
1Mb / 4P
2-Line Bi -directional TVS Diode
TPNUP2105LT1G TECHPUBLIC-TPNUP2105LT1G Datasheet
1Mb / 4P
2-Line Bi -directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com