Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL44001 Datasheet (PDF) - Analog Devices

ADPL44001 Datasheet PDF - Analog Devices
Part # ADPL44001
Download  ADPL44001 Download
File Size   1079.47 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4V to 40V, 100mA, Ultra-Low Quiescent Current, Linear Regulator

ADPL44001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL44001 Datasheet PDF - Analog Devices

Part # ADPL44001
Download  ADPL44001 Click to download

File Size   1079.47 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4V to 40V, 100mA, Ultra-Low Quiescent Current, Linear Regulator

ADPL44001 Datasheet (HTML) - Analog Devices


ADPL44001 Product details

GENERAL DESCRIPTION
The ADPL44001 ultra-low quiescent current, highvoltage
linear regulator is ideal for use in industrial and
battery-operated systems. The device operates from a
4V to 40V input voltage, delivers up to 100mA of load
current, and consumes only 8μA of quiescent current at
no load. The device consumes only 0.9μA current when
in shutdown. Output voltage is adjustable in the 0.6V to
38V voltage range. Feedback voltage accuracy is ±2%
over temperature.
An open-drain PGOOD pin provides a power-good signal
to the system, achieving successful regulation of the
output voltage. The device also incorporates an enable
pin (EN) that allows the user to turn the part on or off.
The device has a thermal shutdown feature that shuts
down the part when the die temperature exceeds 165°C.
The ADPL44001 operates over the -40°C to +125°C
industrial temperature range and is available in a 6-lead,
compact TSOT and a 6-pin (3mm x 3mm) TDFN
packages.
APPLICATIONS
 Medical and Healthcare
 Battery-Powered Equipment
 Post Regulator for Switching Power Supplies
 Home and Building Automation
 Appliances and White Goods
BENEFITS AND FEATURES
 Easy to Use
 Only 4 External Components Required
 Stable with Tiny 4.7μF, 0805 Output Capacitor
 All Ceramic Capacitors, Compact Layout
 Reduces Number of Linear Regulators to Stock
 Wide 4V to 40V Input Voltage Range
 Adjustable 0.6V to 38V Output
 Up to 100mA Load Current Capability
 Operates Reliably in Adverse Industrial
Environments
 Built-In Output Voltage Monitoring with PGOOD
Pin
 High-Voltage ENABLE Input
 Low 8μA Quiescent Current
 Low Dropout Voltage of 560mV at 100mA
 Overload Protection
 Overtemperature Protection
 Wide -40°C to +125°C Ambient Operating
Temperature Range / -40°C to +150°C Junction
Temperature Range




Similar Part No. - ADPL44001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL44002 AD-ADPL44002 Datasheet
687Kb / 23P
40V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 0
ADPL44002ACPZN-R7 AD-ADPL44002ACPZN-R7 Datasheet
687Kb / 23P
40V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 0
ADPL44002ACPZN2.5-R7 AD-ADPL44002ACPZN2.5-R7 Datasheet
687Kb / 23P
40V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 0
ADPL44002ACPZN3.3-R7 AD-ADPL44002ACPZN3.3-R7 Datasheet
687Kb / 23P
40V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 0
ADPL44002ACPZN5.0-R7 AD-ADPL44002ACPZN5.0-R7 Datasheet
687Kb / 23P
40V, 200mA, Low Noise, CMOS LDO Linear Regulator
Rev. 0
More results


Similar Description - ADPL44001

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80136 INTERSIL-ISL80136 Datasheet
374Kb / 9P
40V, Low Quiescent Current, 50mA Linear Regulator
December 15, 2011
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Maxim Integrated Produc...
MAX17651 MAXIM-MAX17651 Datasheet
528Kb / 8P
60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev 1; 3/16
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
40V, 150mA, Low Quiescent Current Linear Regulator
MP2014 MPS-MP2014 Datasheet
926Kb / 13P
40V, 500mA, Low Quiescent Current Linear Regulator
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com