Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDX20FLBN Datasheet (PDF) - Timeguard

LEDX20FLBN Datasheet PDF - Timeguard
Part # LEDX20FLBN
Download  LEDX20FLBN Download
File Size   396.97 Kbytes
Page   2 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 20W LED Wide Angle Floodlight – Black

LEDX20FLBN Datasheet (PDF)

Go To PDF Page Download Datasheet
LEDX20FLBN Datasheet PDF - Timeguard

Part # LEDX20FLBN
Download  LEDX20FLBN Click to download

File Size   396.97 Kbytes
Page   2 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description 20W LED Wide Angle Floodlight – Black

LEDX20FLBN Datasheet (HTML) - Timeguard


LEDX20FLBN Product details

Features & Benefits
Rust resistant Floodlight
316 stainless steel bracket and screws
Marine grade aluminium heat sink
Polycarbonate body and reflector
Longlife – up to 30,000 hours for low maintenance
Easy quick fit bracket installation




Similar Part No. - LEDX20FLBN

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDX20FLWHN TIMEGUARD-LEDX20FLWHN Datasheet
393Kb / 2P
20W LED Wide Angle Floodlight – White
14/02/2025
More results


Similar Description - LEDX20FLBN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS31801111 SIEMENS-LS31801111 Datasheet
91Kb / 1P
T1 (3mm) WIDE ANGLE LED LAMP
logo
Molex Electronics Ltd.
130243-0031 MOLEX11-130243-0031 Datasheet
54Kb / 2P
Haztex Wide Area LED Work Light, 4 x 20W, 12/3 SOOW 0.91m
logo
LinkCom Manufacturing C...
20-LSP LINKCOM-20-LSP Datasheet
451Kb / 3P
20W LED Power Supply
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC Datasheet
199Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
20W Wide Input Voltage DC/DC Converters
logo
GAPTEC Electronic GmbH ...
20DAW4 GAPTEC-20DAW4 Datasheet
4Mb / 8P
20W - Single Output - Wide Input - Isolated & Regulated
20DAW4-3 GAPTEC-20DAW4-3 Datasheet
1Mb / 5P
20W - Single Output - Wide Input - Isolated & Regulated
20DMWE GAPTEC-20DMWE Datasheet
4Mb / 5P
20W - Single Output - Ultra Wide Input - Isolated & Regulated
20DMWE4 GAPTEC-20DMWE4 Datasheet
2Mb / 5P
20W - Single Output - Ultra Wide Input - Isolated & Regulated
20DRW4 GAPTEC-20DRW4 Datasheet
3Mb / 6P
20W - Single Output - Wide Input - Isolated & Regulated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com