Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCV181K0CY4V Datasheet (PDF) - Innogration Technologies, Inc.

STCV181K0CY4V Datasheet PDF - Innogration Technologies, Inc.
Part # STCV181K0CY4V
Download  STCV181K0CY4V Download
File Size   1396.17 Kbytes
Page   5 Pages
Manufacturer  INNOGRATION [Innogration Technologies, Inc.]
Direct Link  http://www.innogration.net/index.htm
Logo INNOGRATION - Innogration Technologies, Inc.
Description Gallium Nitride 50V, 1000W, 1.8-1.9GHz RF Power Transistor

STCV181K0CY4V Datasheet (PDF)

Go To PDF Page Download Datasheet
STCV181K0CY4V Datasheet PDF - Innogration Technologies, Inc.

Part # STCV181K0CY4V
Download  STCV181K0CY4V Click to download

File Size   1396.17 Kbytes
Page   5 Pages
Manufacturer  INNOGRATION [Innogration Technologies, Inc.]
Direct Link  http://www.innogration.net/index.htm
Logo INNOGRATION - Innogration Technologies, Inc.
Description Gallium Nitride 50V, 1000W, 1.8-1.9GHz RF Power Transistor

STCV181K0CY4V Datasheet (HTML) - Innogration Technologies, Inc.


STCV181K0CY4V Product details

Description
The STCV181K0CY4V is a 1000-watt, internally matched GaN HEMT, designed for 5G cellular
applications with frequencies from 1.8-1.9GHz, enabled by wide band VBW capability to
support IBW up to 100MHz..
It can be configured as asymmetrical Doherty for 4G or 5G application, delivering 120 to 140W
average power, according to normal 9dB back off.
There is no guarantee of performance when this part is used in applications designed
Outside of these frequencies.

Applications
 Asymmetrical Doherty amplifier within N3 5G band and B3 4G band
 L band power amplifier




Similar Part No. - STCV181K0CY4V

ManufacturerPart #DatasheetDescription
logo
Innogration Technologie...
STCV10600RBY4 INNOGRATION-STCV10600RBY4 Datasheet
1Mb / 6P
Gallium Nitride 50V, 600W,0.6-1GHz RF Power Transistor
STCV10700BY4 INNOGRATION-STCV10700BY4 Datasheet
1Mb / 6P
Gallium Nitride 50V, 700W,0.6-1GHz RF Power Transistor
STCV10800RBY4 INNOGRATION-STCV10800RBY4 Datasheet
1Mb / 6P
Gallium Nitride 50V, 800W,0.6-1GHz RF Power Transistor
More results


Similar Description - STCV181K0CY4V

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
Gallium Nitride 28V, 45W RF Power Transistor
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
Gallium Nitride 28V, 200W RF Power Transistor
NPT1012 MA-COM-NPT1012 Datasheet
1,019Kb / 8P
Gallium Nitride 28V, 25W RF Power Transistor
NPT25015 MA-COM-NPT25015 Datasheet
624Kb / 8P
Gallium Nitride 28V, 23W RF Power Transistor
NPT25100 MA-COM-NPT25100 Datasheet
1Mb / 13P
Gallium Nitride 28V, 125W RF Power Transistor
NPT35050A MA-COM-NPT35050A Datasheet
673Kb / 10P
Gallium Nitride 28V, 65W RF Power Transistor
NPTB00004 MA-COM-NPTB00004 Datasheet
953Kb / 10P
Gallium Nitride 28V, 5W RF Power Transistor
logo
List of Unclassifed Man...
NPT1010 ETC2-NPT1010 Datasheet
1Mb / 10P
Gallium Nitride 28V, 100W RF Power Transistor
NPT35015 ETC2-NPT35015 Datasheet
716Kb / 10P
Gallium Nitride 28V, 18W RF Power Transistor
NPT35050A ETC2-NPT35050A Datasheet
673Kb / 10P
Gallium Nitride 28V, 65W RF Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com