Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1007181 Datasheet (PDF) - PHOENIX CONTACT

1007181 Datasheet PDF - PHOENIX CONTACT
Part # 1007181
Download  1007181 Download
File Size   288.86 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 2,5/ 4-L GY - PCB terminal block

1007181 Datasheet (PDF)

Go To PDF Page Download Datasheet
1007181 Datasheet PDF - PHOENIX CONTACT

Part # 1007181
Download  1007181 Click to download

File Size   288.86 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 2,5/ 4-L GY - PCB terminal block

1007181 Datasheet (HTML) - PHOENIX CONTACT


1007181 Product details

Printed circuit board terminal, nominal current: 22 A, rated voltage (III/2): 250 V, nominal cross
section: 2.5 mm2, number of potentials: 4, number of rows: 1, number of positions per row: 4,
product range: FKDSO 2,5/..-L, pitch: 5 mm, connection method: Push-in spring connection,
mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: gray, Pin layout:
Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard. Product with pin output on left side




Similar Part No. - 1007181

ManufacturerPart #DatasheetDescription
logo
Heyco.
10071 HEYCO-10071 Datasheet
126Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
ATGBICS by Approved Tec...
10071-C ATGBICS-10071-C Datasheet
293Kb / 8P
10071 Extreme Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
3M Electronics
100710 3M-100710 Datasheet
69Kb / 2P
3MTM Static Shielding Bag SCC 1000
100711 3M-100711 Datasheet
69Kb / 2P
3MTM Static Shielding Bag SCC 1000
logo
Weidmuller
1007120000 WEIDMULLER-1007120000 Datasheet
428Kb / 4P
SL 5.00/02/90B 3.2SN GN BX
More results


Similar Description - 1007181

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1732140 PHOENIX-1732140 Datasheet
94Kb / 3P
PCB terminal block - ZFKDS 2,5-5,08 L-EX
2200315 PHOENIX-2200315 Datasheet
119Kb / 4P
FKDSO 2,5/ 2-L KMGY
2200318 PHOENIX-2200318 Datasheet
120Kb / 4P
FKDSO 2,5/ 3-L KMGY
2200319 PHOENIX-2200319 Datasheet
131Kb / 7P
PCB terminal block - FKDSO 2,5/ 4-L KMGY
2201128 PHOENIX-2201128 Datasheet
113Kb / 4P
PCB terminal block - FKDSO 2,5 HV/3-L 7,5 GY7035
2854102 PHOENIX-2854102 Datasheet
80Kb / 6P
PCB terminal block - MKDSO 2,5/ 3-L KMGY
2908032 PHOENIX-2908032 Datasheet
111Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-L BU
2908430 PHOENIX-2908430 Datasheet
64Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-L BK VPE200
2909581 PHOENIX-2909581 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-R GY
5436238 PHOENIX-5436238 Datasheet
116Kb / 6P
PCB terminal block - BC-508X10- 4 GY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com