Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1148835 Datasheet (PDF) - PHOENIX CONTACT

1148835 Datasheet PDF - PHOENIX CONTACT
Part # 1148835
Download  1148835 Download
File Size   216.3 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSO 1,5/ 5-L-3,5 RD - PCB terminal block

1148835 Datasheet (PDF)

Go To PDF Page Download Datasheet
1148835 Datasheet PDF - PHOENIX CONTACT

Part # 1148835
Download  1148835 Click to download

File Size   216.3 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSO 1,5/ 5-L-3,5 RD - PCB terminal block

1148835 Datasheet (HTML) - PHOENIX CONTACT


1148835 Product details

Printed circuit board terminal, nominal current: 8 A, rated voltage (III/2): 160 V, nominal cross
section: 1.5 mm2, number of potentials: 5, number of rows: 1, number of positions per row: 5,
product range: MKDSO 1,5/..-L, pitch: 3.5 mm, connection method: Screw connection with
tension sleeve, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: red,
Pin layout: Linear pinning, Solder pin [P]: 2.3 mm, number of solder pins per potential: 1, type of
packaging: packed in cardboard. Product with pin output on left side




Similar Part No. - 1148835

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
114883 BRADY-114883 Datasheet
197Kb / 2P
BradyPrinter M611 Mobile Label Printer
logo
Weidmuller
1148830000 WEIDMULLER-1148830000 Datasheet
558Kb / 5P
SL 5.08HC/08/180G 3.2SN BK BX
logo
PHOENIX CONTACT
1148839 PHOENIX-1148839 Datasheet
216Kb / 8P
MKDSO 1,5/ 5-R-3,5 RD - PCB terminal block
More results


Similar Description - 1148835

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1727375 PHOENIX-1727375 Datasheet
51Kb / 3P
PCB terminal block - PTSA 1,5/ 5-3,5-ZI
1841526 PHOENIX-1841526 Datasheet
72Kb / 4P
PCB terminal block - SPTD 1,5/ 5-H-3,5
1990889 PHOENIX-1990889 Datasheet
78Kb / 5P
PCB terminal block - SPT 1,5/ 5-V-3,5
2278393 PHOENIX-2278393 Datasheet
119Kb / 5P
MKDSO 1,5/ 5-L-3,5 KMGY
2278432 PHOENIX-2278432 Datasheet
120Kb / 5P
MKDSO 1,5/ 4-L-3,5 KMGY
2278445 PHOENIX-2278445 Datasheet
121Kb / 5P
MKDSO 1,5/ 3-L-3,5 KMGY
1988985 PHOENIX-1988985 Datasheet
243Kb / 8P
PCB terminal block - PTA 1,5/ 5-3,5
Nov 30, 2022
1985221 PHOENIX-1985221 Datasheet
358Kb / 10P
PCB terminal block - PTSA 1,5/ 5-3,5-Z
Sep 8, 2022
1984646 PHOENIX-1984646 Datasheet
288Kb / 9P
PCB terminal block - PT 1,5/ 5-3,5-H
Nov 30, 2022
1984992 PHOENIX-1984992 Datasheet
425Kb / 11P
PCB terminal block - PTSA 1,5/ 5-3,5-F
Jan 3, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com