Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2854801 Datasheet (PDF) - PHOENIX CONTACT

2854801 Datasheet PDF - PHOENIX CONTACT
Part # 2854801
Download  2854801 Download
File Size   187.83 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME B-12,5 MSTBO KMGY - Filler plug

2854801 Datasheet (PDF)

Go To PDF Page Download Datasheet
2854801 Datasheet PDF - PHOENIX CONTACT

Part # 2854801
Download  2854801 Click to download

File Size   187.83 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME B-12,5 MSTBO KMGY - Filler plug

2854801 Datasheet (HTML) - PHOENIX CONTACT


2854801 Product details

DIN rail housing, Filler plug for unoccupied terminal points (MSTBO), width: 10 mm, height: 19.
06 mm, depth: 12.29 mm, color: light gray (similar RAL 7035)




Similar Part No. - 2854801

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28548 ETC2-28548 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
PHOENIX CONTACT
2854856 PHOENIX-2854856 Datasheet
144Kb / 9P
Lower part of housing, fully assembled, with metal foot catch.
More results


Similar Description - 2854801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2869430 PHOENIX-2869430 Datasheet
58Kb / 4P
Electronic housing - ME 12,5 UT KMGY
2907761 PHOENIX-2907761 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-MSTBO KMGY
2853750 PHOENIX-2853750 Datasheet
85Kb / 6P
Base strip - MSTBO 2,5/ 3-G1L KMGY
2907774 PHOENIX-2907774 Datasheet
88Kb / 5P
Base strip - MSTBO 2.5/ 4-G1L KMGY
2907787 PHOENIX-2907787 Datasheet
88Kb / 5P
Base strip - MSTBO 2.5/ 4-G1R KMGY
2713748 PHOENIX-2713748 Datasheet
126Kb / 3P
MSTBO 2,5/ 3-6 ST SET KMGY
2199650 PHOENIX-2199650 Datasheet
60Kb / 3P
Filler plugs - ME MAX TBUS BS KMGY
09/12/2020
2706302 PHOENIX-2706302 Datasheet
58Kb / 3P
Cover - ME B-KA KMGY
09/11/2020
2706700 PHOENIX-2706700 Datasheet
53Kb / 3P
Cover - ME B-SA/NS 35 KMGY
09/12/2020
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com