Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2869320 Datasheet (PDF) - PHOENIX CONTACT

2869320 Datasheet PDF - PHOENIX CONTACT
Part # 2869320
Download  2869320 Download
File Size   184.84 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME B-KA BK - Cover

2869320 Datasheet (PDF)

Go To PDF Page Download Datasheet
2869320 Datasheet PDF - PHOENIX CONTACT

Part # 2869320
Download  2869320 Click to download

File Size   184.84 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME B-KA BK - Cover

2869320 Datasheet (HTML) - PHOENIX CONTACT


2869320 Product details

Terminal cover, 1 strip covers up to 12 terminal points, for ME-BUS terminal opening, (male side)




Similar Part No. - 2869320

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2869317 PHOENIX-2869317 Datasheet
183Kb / 5P
ME MAX B-22,5 BK - Filler plug
2869362 PHOENIX-2869362 Datasheet
102Kb / 5P
Plug-in connection with screw, spring-cage or fast connection technology
2869375 PHOENIX-2869375 Datasheet
107Kb / 5P
Fixed or plug-in connection technology can be combined on up to three connection levels, with different pitches
2869388 PHOENIX-2869388 Datasheet
57Kb / 3P
Available in overall widths from 6.2 mm to 90 mm, modular extension is possible
More results


Similar Description - 2869320

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202581 PHOENIX-2202581 Datasheet
55Kb / 2P
Housing cover - ME-IO 18,8 C 2U MC18 7035
2700163 PHOENIX-2700163 Datasheet
50Kb / 2P
Mounting material - PSD-S ME B-P
2700164 PHOENIX-2700164 Datasheet
50Kb / 2P
Mounting material - PSD-S ME B-M
2201800 PHOENIX-2201800 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 3U 7035
09/12/2020
2201803 PHOENIX-2201803 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 5U 7035
09/12/2020
2201805 PHOENIX-2201805 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 7U 7035
09/12/2020
2706302 PHOENIX-2706302 Datasheet
58Kb / 3P
Cover - ME B-KA KMGY
09/11/2020
2706700 PHOENIX-2706700 Datasheet
53Kb / 3P
Cover - ME B-SA/NS 35 KMGY
09/12/2020
2201802 PHOENIX-2201802 Datasheet
139Kb / 5P
Housing cover - ME-IO 18,8 C 4U 7035
11/25/2021
2202626 PHOENIX-2202626 Datasheet
109Kb / 4P
Housing cover - ME-IO 18,8 LC 10U 7035
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com