Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC631 Datasheet (PDF) - TEWS Technologies GmbH

TAMC631 Datasheet PDF - TEWS Technologies GmbH
Part # TAMC631
Download  TAMC631 Download
File Size   269.04 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Spartan6 AMC with FMC Module Slot

TAMC631 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAMC631 Datasheet PDF - TEWS Technologies GmbH

Part # TAMC631
Download  TAMC631 Click to download

File Size   269.04 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Spartan6 AMC with FMC Module Slot

TAMC631 Datasheet (HTML) - TEWS Technologies GmbH


TAMC631 Product details

Application Information
The TAMC631 is a standard single Mid-Size or Full-Size AMC.1 Type 1 module providing a user configurable XC6SLX25T-2, XC6SLX75T-2, XC6SLX100T-2 or XC6SLX150T-2 Spartan-6 FPGA. The Spartan-6’s PCIe Endpoint Block is connected to AMC port 4. The TAMC631 variants with XC6SLX75T, XC6SLX100T and XC6SLX150T FPGA also provide connections to AMC port 0 and 1.
For flexible front I/O solutions the TAMC631 provides a VITA 57.1 FMC Module slot with a low-pin count connector, allowing active and passive signal conditioning. All FMC I/O lines are directly connected to the FPGA, which maintains the flexibility of the SelectIO technology of the Spartan-6 FPGA. The low-pin count interface includes one multi-gigabit link.
The FPGA is connected to two banks of 128 Mbytes, 16 bit wide DDR3 SDRAM. The SDRAM-interface uses the hardwired internal Memory Controller Blocks of the Spartan-6.
The FPGA is configured by a platform flash which is programmable via a JTAG header. The JTAG header also supports readback and on-chip debugging of the FPGA design (using Xilinx “ChipScope”). An SPI-EEPROM can be used as alternative configuration source or for user data storage. The TAMC631 is delivered with blank configuration devices.
A programmable clock generator (5 KHz – 500 MHz) supplies up to three different clock frequencies to the FPGA. The clock generator settings are programmable via JTAG and are stored in an EEPROM. In addition two differential reference clocks are available from the FMC slot to the FPGA.
User applications for the TAMC631 with XC6SLX25T-2 and XC6SLX75T-2 FPGA can be developed using the design software ISE WebPACK which can be downloaded free of charge from www.xilinx.com. The larger FPGA densities require a full licensed ISE Design Suite.
The Engineering Documentation TAMC631-ED includes all information needed for customer specific FPGA programming. The FPGA Development Kit TAMC631-FDK includes the engineering documentation, ucf-files with all necessary pin assignments and basic timing constraints, and a well documented VHDL example application. This example application is called TPLD001 (Tews Programmable Logic Design) and covers the main functionalities of the TAMC631 like DMA capable PCIe endpoint with interrupt support, register mapping, DDR3 memory access and basic I/O to the FMC slot. It comes as a Xilinx ISE project with source code and as a ready-to-download bitstream. It is the basis for fast and reliable customer application development, and can significantly reduce time to market.
Software support for the TPLD001 is available for all major operating systems.
Please note: The TPLD001 requires the Embedded Development Kit (EDK), which is part of the Embedded or System Edition of the ISE Design Suite from Xilinx (downloadable from www.xilinx.com, a 30 day evaluation license is available).
In-circuit programming and debugging of the FPGA design (e.g. using Xilinx “ChipScope”) is supported. The Program and Debug Box TA900 allows access to the module while it is inserted in a system. It provides access to the module's JTAG Chain, the UART of the on-board Module Management Controller (MMC) and to two user pins of the Spartan-6 FPGA. If a UART core is implemented in the FPGA, serial communication via the TA900 is possible.
The TA900 can be accessed by USB 2.0 and by a 14-pin JTAG Header (e.g. for connecting a Xilinx Platform Cable).
For First-Time-Buyers the TA900 and the TAMC631-ED or TAMC631-FDK is recommended.




Similar Part No. - TAMC631

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC640 TEWS-TAMC640 Datasheet
277Kb / 3P
Virtex-5 AMC with FMC Slot
2013-11-13
TAMC640-10R TEWS-TAMC640-10R Datasheet
277Kb / 3P
Virtex-5 AMC with FMC Slot
2013-11-13
TAMC640-11R TEWS-TAMC640-11R Datasheet
277Kb / 3P
Virtex-5 AMC with FMC Slot
2013-11-13
TAMC640-12R TEWS-TAMC640-12R Datasheet
277Kb / 3P
Virtex-5 AMC with FMC Slot
2013-11-13
TAMC640-13R TEWS-TAMC640-13R Datasheet
277Kb / 3P
Virtex-5 AMC with FMC Slot
2013-11-13
More results


Similar Description - TAMC631

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
A-1JB AMPHENOL-A-1JB Datasheet
91Kb / 1P
AMC PCB JACK SURFACE MOUNT
logo
List of Unclassifed Man...
ATCA-3420 ETC2-ATCA-3420 Datasheet
572Kb / 2P
Dual AMC bays
logo
Glenair, Inc.
050_344 GLENAIR-050_344 Datasheet
1Mb / 16P
FMC CONNECTIVITY CARD
050-344 GLENAIR-050-344 Datasheet
1Mb / 16P
FMC CONNECTIVITY CARD
logo
PHOENIX CONTACT
1583877 PHOENIX-1583877 Datasheet
85Kb / 5P
Contact carriers - VC-AMC 4
logo
Maxim Integrated Produc...
MAX11905EVKIT MAXIM-MAX11905EVKIT Datasheet
4Mb / 29P
Peripheral Module and FMC Connector for Interface
Rev 2; 8/17
MAX11905DIFEVKIT MAXIM-MAX11905DIFEVKIT Datasheet
1Mb / 21P
Peripheral Module and FMC Connector for Interface
Rev 1; 12/16
logo
Weidmuller
2434340000 WEIDMULLER-2434340000 Datasheet
154Kb / 4P
A-series AMC 2.5
July 27, 2018
logo
Molex Electronics Ltd.
0621005700 MOLEX-0621005700 Datasheet
26Kb / 1P
AMC B Removal Tool
05/10/2021
logo
Amphenol RF.
112754 RF-112754 Datasheet
212Kb / 1P
BNC PLUG FOR 1.37MM AMC CABLE
01/07/10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com