Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP002-TM Datasheet (PDF) - TEWS Technologies GmbH

TCP002-TM Datasheet PDF - TEWS Technologies GmbH
Part # TCP002-TM
Download  TCP002-TM Download
File Size   136.53 Kbytes
Page   1 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Transition Module for 6U cPCI IP Carrier

TCP002-TM Datasheet (PDF)

Go To PDF Page Download Datasheet
TCP002-TM Datasheet PDF - TEWS Technologies GmbH

Part # TCP002-TM
Download  TCP002-TM Click to download

File Size   136.53 Kbytes
Page   1 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Transition Module for 6U cPCI IP Carrier

TCP002-TM Datasheet (HTML) - TEWS Technologies GmbH


TCP002-TM Product details

Application Information
The TCP002-TM is a 6U Transition Module to be used with 6U cPCI IP carrier, providing easy access to the IP I/O lines of cPCI IP carrier with back I/O.
It distributes all 200 IP I/O lines from the cPCI RJ4 and RJ5 connector to four 50 pin SCSI-2 type connectors located in the EMI front panel.
The routing between the cPCI RJ4 and RJ5 connector and the four SCSI-2 type connectors in the EMI front panel is PCIMG 2.4 R1.0 compliant.
The operating temperature range is -40°C to +85°C.




Similar Part No. - TCP002-TM

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP002-TM TEWS-TCP002-TM Datasheet
217Kb / 2P
CompactPCI Carrier for 4 IndustryPacks
2017-08-17
More results


Similar Description - TCP002-TM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3960 ADVANTECH-MIC-3960 Datasheet
126Kb / 1P
6U CompactPCI짰 Media Carrier Board
RIO-3309 ADVANTECH-RIO-3309 Datasheet
567Kb / 2P
6U CompactPCI짰 Rear Transition Boards
RIO-3311 ADVANTECH-RIO-3311 Datasheet
388Kb / 2P
6U CompactPCI짰 Rear Transition Board for MIC-3393
RIO-3392MIL ADVANTECH-RIO-3392MIL Datasheet
641Kb / 1P
6U CompactPCI짰 Rear Transition Board for MIC-3392MIL
RIO-3392MIL ADVANTECH-RIO-3392MIL_14 Datasheet
887Kb / 1P
6U CompactPCI짰 Rear Transition Board for MIC-3392MIL
MIC-6110 ADVANTECH-MIC-6110 Datasheet
513Kb / 2P
6U OpenVPX MXM carrier
17-Jun-2019
RIO-3315 ADVANTECH-RIO-3315 Datasheet
460Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3395
19-Oct-2017
RIO-3316 ADVANTECH-RIO-3316 Datasheet
513Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396
26-Feb-2019
RIO-3317 ADVANTECH-RIO-3317 Datasheet
497Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3397
24-Dec-2015
RIO-3396MIL ADVANTECH-RIO-3396MIL Datasheet
692Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396MIL
9-Apr-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com