Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP262 Datasheet (PDF) - TEWS Technologies GmbH

TCP262 Datasheet PDF - TEWS Technologies GmbH
Part # TCP262
Download  TCP262 Download
File Size   894.83 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Dual PMC Carrier for 6U CompactPCI (J3/J5 I/O)

TCP262 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCP262 Datasheet PDF - TEWS Technologies GmbH

Part # TCP262
Download  TCP262 Click to download

File Size   894.83 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Dual PMC Carrier for 6U CompactPCI (J3/J5 I/O)

TCP262 Datasheet (HTML) - TEWS Technologies GmbH


TCP262 Product details

Application Information
The TCP262 is a standard 6U CompactPCI carrier that
provides front I/O and rear I/O for up to two single width
PMC modules.
Based on a Texas Instruments PCI to PCI Bridge with a
32bit 66MHz primary and secondary interface, the
TCP262-10R supports a 32bit 66MHz CompactPCI bus
and two 32bit 66MHz PMC modules on the local PCI bus
of the TCP262.
The TCP262 supports standard PMC front I/O and
CompactPCI rear I/O fully compatible to the TCP260. The
PMC slot 2 (upper PMC) I/O lines are connected directly
to the CompactPCI connector J5. The PMC slot 1 (lower
PMC) I/O lines are connected directly to the CompactPCI
connector J3.




Similar Part No. - TCP262

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP260 TEWS-TCP260 Datasheet
163Kb / 2P
Dual PMC Carrier for 6U CompactPCI (J3/J5 I/O)
2017-08-17
TCP260-10R TEWS-TCP260-10R Datasheet
163Kb / 2P
Dual PMC Carrier for 6U CompactPCI (J3/J5 I/O)
2017-08-17
TCP260-10R-ET TEWS-TCP260-10R-ET Datasheet
163Kb / 2P
Dual PMC Carrier for 6U CompactPCI (J3/J5 I/O)
2017-08-17
TCP260-11R TEWS-TCP260-11R Datasheet
163Kb / 2P
Dual PMC Carrier for 6U CompactPCI (J3/J5 I/O)
2017-08-17
TCP260-11R-ET TEWS-TCP260-11R-ET Datasheet
163Kb / 2P
Dual PMC Carrier for 6U CompactPCI (J3/J5 I/O)
2017-08-17
More results


Similar Description - TCP262

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
CPCI420DC CANDD-CPCI420DC Datasheet
360Kb / 4P
420 Watt, 6U x 8HP, CompactPCI
logo
Advantech Co., Ltd.
MIC-3393 ADVANTECH-MIC-3393 Datasheet
483Kb / 3P
6U CompactPCI Intel짰 Xeon짰 Quad/Dual Core Processor Blade
MIC-3951 ADVANTECH-MIC-3951 Datasheet
169Kb / 1P
6U CompactPCI짰 Dual PMC or CMC Carrier Board (64-bit/66 MHz)
MIC-3392 ADVANTECH-MIC-3392 Datasheet
1,001Kb / 2P
6U CompactPCI Intel짰 Core??2 Duo Processor-based Board with Dual PCIe GbE/DDR2/SATA/PMC
logo
List of Unclassifed Man...
CT-61 ETC2-CT-61 Datasheet
269Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
logo
Advantech Co., Ltd.
MIC-6110 ADVANTECH-MIC-6110 Datasheet
513Kb / 2P
6U OpenVPX MXM carrier
17-Jun-2019
RIO-3315 ADVANTECH-RIO-3315 Datasheet
460Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3395
19-Oct-2017
RIO-3316 ADVANTECH-RIO-3316 Datasheet
513Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396
26-Feb-2019
RIO-3317 ADVANTECH-RIO-3317 Datasheet
497Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3397
24-Dec-2015
RIO-3396MIL ADVANTECH-RIO-3396MIL Datasheet
692Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396MIL
9-Apr-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com