Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDRV004-SW-72 Datasheet (PDF) - TEWS Technologies GmbH

TDRV004-SW-72 Datasheet PDF - TEWS Technologies GmbH
Part # TDRV004-SW-72
Download  TDRV004-SW-72 Download
File Size   125.86 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with TTL/Differential I/O to PIM Module Slot

TDRV004-SW-72 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDRV004-SW-72 Datasheet PDF - TEWS Technologies GmbH

Part # TDRV004-SW-72
Download  TDRV004-SW-72 Click to download

File Size   125.86 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with TTL/Differential I/O to PIM Module Slot

TDRV004-SW-72 Datasheet (HTML) - TEWS Technologies GmbH


TDRV004-SW-72 Product details

Application Information
The TCP630 is a standard 3U 32 bit CompactPCI module providing a user configurable FPGA with 300,000 or 600,000 system gates. All local signals from the PCI controller are routed to the FPGA.
The TCP630 provides 64 ESD-protected TTL lines, 32 differential I/O lines using EIA-422 / EIA-485 compatible, ESD-protected line transceivers or 32 TTL and 16 differential I/Os. All lines are individually programmable as input, output or tri-state. The receivers are always enabled, which allows determining the state of each I/O line at any time. This can be used as read back function for lines configured as outputs. Each TTL I/O line has a pull-up resistor. The pull-up voltage is selectable to be either +3.3V or +5V. The differential I/O lines are terminated by 120Ω resistors.
Am Bahnhof 7 25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0 Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com www.tews.com
For flexible front I/O solutions the TCP630 provides a PIM Module slot, allowing active and passive signal conditioning. With the TPIM003 all I/O signals are provided on a HD68 connector. An option also offers in parallel rear I/O via the J2 connector.
TCP630-10R
The FPGA is configured by a serial flash. The flash device is in-system programmable via driver software over the PCI bus. An in-circuit debugging option is available via an optionally mountable JTAG header for readback and real-time debugging of the FPGA design (using Xilinx “ChipScope”).
A programmable clock generator supplies up to six different clock frequencies between 200 kHz and 166 MHz. All outputs are available at the FPGA, one clock source is in addition used as the local clock signal for the PCI controller. The clock generator settings are stored in an EEPROM and can be changed by the driver software through PCI9030 GPIO pins.
The configuration EEPROM of the PCI controller can also be modified by the driver software, to adapt address spaces etc.
User applications can be developed using the design software ISE WebPACK which can be downloaded free of charge from www.xilinx.com.
For First Time Users the Engineering Documentation TCP630-ED is recommended. The Engineering Documentation includes TCP630-DOC, schematics, data sheets / application notes of the components and well documented sample VHDL source code.
Software Support (TDRV004-SW-xx) for different operating systems is available.




Similar Part No. - TDRV004-SW-72

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TDRV004-SW-72 TEWS-TDRV004-SW-72 Datasheet
123Kb / 2P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
09/2009
More results


Similar Description - TDRV004-SW-72

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Micrel Semiconductor
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
Holtek Semiconductor In...
HT6570 HOLTEK-HT6570 Datasheet
282Kb / 7P
I/O TTL INTEGRATION
2nd Apr 97
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Hongfa Technology
HFS8 HONGFA-HFS8 Datasheet
72Kb / 4P
I/O module
logo
List of Unclassifed Man...
AN221E04 ETC2-AN221E04 Datasheet
434Kb / 21P
Dynamically Reconfigurable FPAA With Enhanced I/O
logo
Asahi Kasei Microsystem...
AK4685 AKM-AK4685 Datasheet
583Kb / 52P
Multi-channel CODEC with Differential Analog I/O
logo
National Instruments Co...
NIPXI-7813R NI-NIPXI-7813R_14 Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
NIPXI7851R NI-NIPXI7851R Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
logo
D+H Mechatronic AG
ACN-IO501 DH-ACN-IO501 Datasheet
565Kb / 2P
I/O module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com