Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2202020 Datasheet (PDF) - PHOENIX CONTACT

2202020 Datasheet PDF - PHOENIX CONTACT
Part # 2202020
Download  2202020 Download
File Size   189.55 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UM-BASIC/PRO 72 FOOT KMGY - Foot element

2202020 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202020 Datasheet PDF - PHOENIX CONTACT

Part # 2202020
Download  2202020 Click to download

File Size   189.55 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UM-BASIC/PRO 72 FOOT KMGY - Foot element

2202020 Datasheet (HTML) - PHOENIX CONTACT


2202020 Product details

Press-drawn section housings, DIN rail mounting, for the DIN rail, for mounting below UM-BASIC
PROFILE (width: 72 mm), Foot element




Similar Part No. - 2202020

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202021 PHOENIX-2202021 Datasheet
190Kb / 6P
UM-BASIC/PRO 108 COVER-L KMGY - Lateral element
2202022 PHOENIX-2202022 Datasheet
193Kb / 6P
UM-BASIC/PRO 108 COVER-R KMGY - Lateral element
2202023 PHOENIX-2202023 Datasheet
43Kb / 2P
Electronic housing - UM-BASIC/PRO 108 FOOT KMGY
2202024 PHOENIX-2202024 Datasheet
188Kb / 6P
UM-BASIC/PRO 122 FOOT KMGY - Foot element
2202025 PHOENIX-2202025 Datasheet
43Kb / 2P
Electronic housing - UM-BASIC/PRO PE CONTACT L1
More results


Similar Description - 2202020

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
F-8038 BUD-F-8038 Datasheet
13Kb / 1P
RUBBER FOOT
logo
PHOENIX CONTACT
2202023 PHOENIX-2202023 Datasheet
43Kb / 2P
Electronic housing - UM-BASIC/PRO 108 FOOT KMGY
2200153 PHOENIX-2200153 Datasheet
45Kb / 2P
Components of electronic housing - UM-PRO 72 FOOT BK
2200159 PHOENIX-2200159 Datasheet
55Kb / 2P
Lateral element (right) with mounting foot for DIN rails for UM-PRO profiles for PCB the width of 108 mm
2200160 PHOENIX-2200160 Datasheet
45Kb / 2P
Mounting foot for 122 mm UM-PRO profiles for mounting on DIN rails
2909471 PHOENIX-2909471 Datasheet
47Kb / 2P
UM 122 FE foot element, for UM 122 profile housing
2959382 PHOENIX-2959382 Datasheet
69Kb / 3P
Foot element, 72 mm wide, for mounting on NS 32 or NS 35/7.5, below profile housing UM 72.
2200157 PHOENIX-2200157 Datasheet
94Kb / 7P
Foot element - UM-PRO 108 FOOT BK
09/12/2020
1775240 PHOENIX-1775240 Datasheet
58Kb / 3P
Foot element - HC-KA-FE
09/12/2020
logo
Festo Corporation.
8984 FESTO-8984 Datasheet
97Kb / 1P
Foot valve
4/10/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com