Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2869663 Datasheet (PDF) - PHOENIX CONTACT

2869663 Datasheet PDF - PHOENIX CONTACT
Part # 2869663
Download  2869663 Download
File Size   188.37 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME B-22,5 MKDSO KMGY VPE 200 - Filler plug

2869663 Datasheet (PDF)

Go To PDF Page Download Datasheet
2869663 Datasheet PDF - PHOENIX CONTACT

Part # 2869663
Download  2869663 Click to download

File Size   188.37 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME B-22,5 MKDSO KMGY VPE 200 - Filler plug

2869663 Datasheet (HTML) - PHOENIX CONTACT


2869663 Product details

DIN rail housing, Filler plug for unoccupied terminal points (MKDSO), width: 21 mm, height: 17.
05 mm, depth: 8.55 mm, color: light gray (similar RAL 7035)




Similar Part No. - 2869663

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2869634 PHOENIX-2869634 Datasheet
56Kb / 3P
Extra slim electronic housing for DIN rail bus connector, pitch 6.2 mm, 4 connection levels, 8-pos. with screw connection
2869647 PHOENIX-2869647 Datasheet
57Kb / 4P
Extra slim electronic housing for DIN rail bus connector, pitch 6.2 mm, 4 connection levels, 8-pos. with springcage connection
More results


Similar Description - 2869663

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201732 PHOENIX-2201732 Datasheet
44Kb / 2P
Electronic housing - ME 22,5 TBUS 1,5/4P1S KMGY
2907473 PHOENIX-2907473 Datasheet
69Kb / 4P
Electronic housing - ME 22,5 OT-MKDSO SET
2907761 PHOENIX-2907761 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-MSTBO KMGY
2914877 PHOENIX-2914877 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-1MSTBO KMGY
2199650 PHOENIX-2199650 Datasheet
60Kb / 3P
Filler plugs - ME MAX TBUS BS KMGY
09/12/2020
2201756 PHOENIX-2201756 Datasheet
62Kb / 3P
DIN rail bus connectors - ME 22,5 TBUS ADAPTER KMGY
09/12/2020
2706302 PHOENIX-2706302 Datasheet
58Kb / 3P
Cover - ME B-KA KMGY
09/11/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2890124 PHOENIX-2890124 Datasheet
50Kb / 2P
Electronic housing - ME BUS 22,5 MC 5-ST KMGY
11/05/2018
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com