Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDD32C15L01 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

UDD32C15L01 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # UDD32C15L01
Download  UDD32C15L01 Download
File Size   1268.61 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Low Capacitance Bi-directional TVS Diode

UDD32C15L01 Datasheet (PDF)

Go To PDF Page Download Datasheet
UDD32C15L01 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # UDD32C15L01
Download  UDD32C15L01 Click to download

File Size   1268.61 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Low Capacitance Bi-directional TVS Diode

UDD32C15L01 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


UDD32C15L01 Product details

Features
+ 350W peak pulse power (8/20ps)
+ Low operating :15V
+ Ulta low capacitance: 0.8 pF typical
«Ultra low leakage: nA leel
«Low clamping voltage
«Protects one power line or data line
«Complies with following standards:
+ —IEC 61000-4-2 (ESD) immunity test
Air discharge: £30KV
Contact discharge: +30kV
+ —IEC61000-4-5 (Lightning) 10A (8/20 ps)
+ —IEC61000-4-4 (EFT) 40A (5/50ns)
+ RoHS Compliant




Similar Part No. - UDD32C15L01

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
UDD32C03L01-IP11 YAGEO-UDD32C03L01-IP11 Datasheet
461Kb / 7P
Electrostatic Discharged Protection Devices (ESD)
July 04, 2023 V.0
UDD32C05L01C YAGEO-UDD32C05L01C Datasheet
456Kb / 7P
Electrostatic Discharged Protection Devices (ESD)
Jul. 04, 2023 V.0
logo
TECH PUBLIC Electronics...
UDD32C08L01 TECHPUBLIC-UDD32C08L01 Datasheet
1Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
UDD32C24L01 LEIDITECH-UDD32C24L01 Datasheet
390Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
logo
TECH PUBLIC Electronics...
UDD32C24L01 TECHPUBLIC-UDD32C24L01 Datasheet
1Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
More results


Similar Description - UDD32C15L01

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AR0511D3 APMICRO-AR0511D3 Datasheet
759Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR0611D3H APMICRO-AR0611D3H Datasheet
623Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR0811D3 APMICRO-AR0811D3 Datasheet
1Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR1211D3 APMICRO-AR1211D3 Datasheet
759Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR2411D3 APMICRO-AR2411D3 Datasheet
518Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AU0561P0 APMICRO-AU0561P0 Datasheet
585Kb / 4P
1-Line Bi-directional Low Capacitance TVS Diode
logo
TECH PUBLIC Electronics...
ESD3V3B03-323 TECHPUBLIC-ESD3V3B03-323 Datasheet
2Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
TPGC03C-TPGC30C TECHPUBLIC-TPGC03C-TPGC30C Datasheet
3Mb / 6P
1-Line Low Capacitance Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
WS05DLC-B LEIDITECH-WS05DLC-B Datasheet
1Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
ULC0542CT LEIDITECH-ULC0542CT Datasheet
1Mb / 4P
1-Line Bi-directional Low Capacitance TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com