Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFS08A2.8L04 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

UFS08A2.8L04 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # UFS08A2.8L04
Download  UFS08A2.8L04 Download
File Size   1258.41 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description TVS Array For ESD and Latch Up Protection

UFS08A2.8L04 Datasheet (PDF)

Go To PDF Page Download Datasheet
UFS08A2.8L04 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # UFS08A2.8L04
Download  UFS08A2.8L04 Click to download

File Size   1258.41 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description TVS Array For ESD and Latch Up Protection

UFS08A2.8L04 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


UFS08A2.8L04 Product details

Features
4 300W peak pulse power(8/20ps)
# Protects two line pairs(four lines)
Ultra low leakage: nA level
# Low operating voltage: 2.8V
® Low capacitance
# Ultra low clamping voltage
4 JEDEC SO-8 package
# Complies with following standards:
~ IEC 61000-4-2 (ESD) immunity test
Air discharge: +30kV
Contact discharge: +30kV
— IEC61000-4-4 (EFT) 40A (5/50ns)
— IEC61000-4-5 (Lightning) 20A (8/20ps)
® RoHS Compliant




Similar Part No. - UFS08A2.8L04

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
UFS08A2.8L04 YAGEO-UFS08A2.8L04 Datasheet
465Kb / 7P
Electrostatic Discharged Protection Devices (ESD)
Jul. 04, 2023 V.3
More results


Similar Description - UFS08A2.8L04

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMF05 SEMTECH-SMF05 Datasheet
160Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection?
SMS05 SEMTECH-SMS05 Datasheet
161Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
SMS05C SEMTECH-SMS05C_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Applied Power Microelec...
SLVU2.8 APMICRO-SLVU2.8 Datasheet
535Kb / 4P
2.8V TVS Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
TECH PUBLIC Electronics...
SLVU2.8-4 TECHPUBLIC-SLVU2.8-4 Datasheet
6Mb / 4P
TVS Array For ESD and Latch Up Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com