Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFAD3 Datasheet (PDF) - Timeguard

WFAD3 Datasheet PDF - Timeguard
Part # WFAD3
Download  WFAD3 Download
File Size   307.73 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description WiFi 3 Way Smart Socket Adapter with USB Port

WFAD3 Datasheet (PDF)

Go To PDF Page Download Datasheet
WFAD3 Datasheet PDF - Timeguard

Part # WFAD3
Download  WFAD3 Click to download

File Size   307.73 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description WiFi 3 Way Smart Socket Adapter with USB Port

WFAD3 Datasheet (HTML) - Timeguard


WFAD3 Product details

Features & Benefits
App Available for Android and IOS only.
Can be controlled from any mobile device that supports a Wi-Fi connection or a mobile data connection Supports multiple devices.
Programs: 24 Hour or 7 Day options.
Manual Override: Yes
Countdown Function: Yes
Google Assistant and Amazon Echo Support
Individual Socket Control.
Can be linked with other TuyaSmart Products




Similar Part No. - WFAD3

ManufacturerPart #DatasheetDescription
logo
Timeguard
WFADAPM TIMEGUARD-WFADAPM Datasheet
365Kb / 2P
Wi-Fi Smart Plug In Timer
13/02/2025
More results


Similar Description - WFAD3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART550USB ETC2-SMART550USB Datasheet
499Kb / 6P
Smart USB 550VA Tower Line-Interactive 120V UPS with USB port
SMART750USB ETC2-SMART750USB Datasheet
499Kb / 6P
Smart USB 750VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
U336U03GB TRIPPLITE-U336U03GB Datasheet
497Kb / 2P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter with 3 Port USB 3.0 Hub
U460-003-3A1G TRIPPLITE-U460-003-3A1G Datasheet
524Kb / 3P
Portable USB 3.1 Gen 1 Gigabit Ethernet Adapter with 3-Port Hub, Aluminum
logo
Molex Electronics Ltd.
0685324461 MOLEX1-0685324461 Datasheet
50Kb / 1P
In-Vehicle Dual Port USB Smart Charger with Backlight, 2.4A
0685324510 MOLEX1-0685324510 Datasheet
46Kb / 1P
In-Vehicle Single Port USB Smart Charger with Backlight, 2.4A
logo
Tripp Lite. All Rights ...
U336-U03-GB TRIPPLITE-U336-U03-GB Datasheet
166Kb / 2P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter with 3 Port USB 3.0 Hub
logo
Vecow Co., Ltd.
UE-1004 VECOW-UE-1004 Datasheet
279Kb / 1P
4-port USB 3.0 Host Adapter with 4 Independent USB 3.0 Controllers
logo
Pepperl+Fuchs Inc.
K-ADP-USB PF-K-ADP-USB Datasheet
805Kb / 2P
Adapter with USB Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com