Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP302 Datasheet (PDF) - TEWS Technologies GmbH

TIP302 Datasheet PDF - TEWS Technologies GmbH
Part # TIP302
Download  TIP302 Download
File Size   229.55 Kbytes
Page   1 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Multiprotocol Communication IP based on MC68302

TIP302 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP302 Datasheet PDF - TEWS Technologies GmbH

Part # TIP302
Download  TIP302 Click to download

File Size   229.55 Kbytes
Page   1 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Multiprotocol Communication IP based on MC68302

TIP302 Datasheet (HTML) - TEWS Technologies GmbH


TIP302 Product details

Application Information
The TIP302 is an IndustryPack® compatible module with a serial communication I/O interface using the Motorola MC68302 Multiprotocol Communication Processor running at 25 MHz.
The MC68302 contains a 68K core processor, a micro coded RISC communication processor, 6 serial DMA channels, 3 timers, an interrupt controller, 3 independent full-duplex serial communication controllers (SCCs) and 1152 bytes of on-chip RAM.
The TIP302 provides TTL level interface for all 3 SCC’s of the MC68302 at the IP I/O connector. A variety of physical layer standards, such as RS232, RS422, RS485 or ISDN can be supported by the use of custom transition modules.
Internal microcode in the MC68302 supports a variety of protocols, such as BISYNC, HDLC, SDLC, UART, DDCMP, V.110, ISDN (2B+D) and transparent modes.
The TIP302 provides 1 Mbytes of static RAM (SRAM) as dual-port memory for both, MC68302 code and user data. The code is downloaded to the SRAM by the IP host CPU prior to removing the MC68302 reset signal by writing to a control register. Once the MC68302 reset signal is re-moved, the MC68302 starts fetching code from the SRAM.
The SRAM, the MC68302 registers and the MC68302 on-chip RAM are accessible by the MC68302 and the IP host CPU by arbitration. The local bus arbitration is transparent to the IP host CPU.
Both the IP host CPU and the MC68302 are capable of generating interrupts to each other.
For First-Time-Buyers the Engineering Documentation TIP302-ED is recommended. The Engineering Documen-tation includes TIP302-DOC, schematics and data sheets.




Similar Part No. - TIP302

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP30 MOSPEC-TIP30 Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Power Innovations Ltd
TIP30 POINN-TIP30 Datasheet
85Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP30 FAIRCHILD-TIP30 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
logo
Micro Electronics
TIP30 MICRO-ELECTRONICS-TIP30 Datasheet
56Kb / 1P
COMPLEMENTARY SILICON EPITAXIAL-BASE POWER TRANSISTORS
logo
List of Unclassifed Man...
TIP30 ETC2-TIP30 Datasheet
335Kb / 6P
High Power Bipolar Transistor
More results


Similar Description - TIP302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
URM7600100 ETC2-URM7600100 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
MRG1781 ETC2-MRG1781 Datasheet
35Kb / 2P
Coaxial communication cable based on MIL-C-17
MRG1791 ETC2-MRG1791 Datasheet
35Kb / 2P
Coaxial communication cable based on MIL-C-17
URM43 ETC2-URM43 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
URM70 ETC2-URM70 Datasheet
48Kb / 2P
Coaxial communication cable based on BS2316
URM70NH ETC2-URM70NH Datasheet
48Kb / 2P
Coaxial communication cable based on BS2316
URM76 ETC2-URM76 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
URM76NH ETC2-URM76NH Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
URM202 ETC2-URM202 Datasheet
49Kb / 2P
Coaxial communication cable based on BS2316
logo
STMicroelectronics
AEK-COM-BLEV1 STMICROELECTRONICS-AEK-COM-BLEV1 Datasheet
3Mb / 12P
Bluetooth communication board based on BlueNRG-1
Rev 1 - February 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com