Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIM001 Datasheet (PDF) - TEWS Technologies GmbH

TPIM001 Datasheet PDF - TEWS Technologies GmbH
Part # TPIM001
Download  TPIM001 Download
File Size   69.36 Kbytes
Page   1 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description PIM I/O Module with 50 pin Connector

TPIM001 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIM001 Datasheet PDF - TEWS Technologies GmbH

Part # TPIM001
Download  TPIM001 Click to download

File Size   69.36 Kbytes
Page   1 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description PIM I/O Module with 50 pin Connector

TPIM001 Datasheet (HTML) - TEWS Technologies GmbH


TPIM001 Product details

Application Information
The TPIM001 is a standard single-width PIM I/O module to be used with any PIM carrier. It offers easy access to the PMC back I/O lines of PMC carrier with back I/O.
The TPIM001 distributes the lower 50 I/O lines of the PMC to a standard 50 pin SCSI-2 type connector located in the EMI front panel.
The operating temperature range is -40°C to +85°C.




Similar Part No. - TPIM001

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM001 TEWS-TPIM001 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM001 TEWS-TPIM001 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM001 TEWS-TPIM001 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM001 TEWS-TPIM001 Datasheet
136Kb / 3P
Conduction Cooled PMC, 4 Channel Isolated
2017-08-31
TPIM001 TEWS-TPIM001 Datasheet
150Kb / 2P
Conduction cooled 8 channel isolated RS422 interface
2017-08-31
More results


Similar Description - TPIM001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADAM-6060 ETC1-ADAM-6060 Datasheet
120Kb / 1P
Kompakte I/O-Module
logo
Hongfa Technology
HFS8 HONGFA-HFS8 Datasheet
72Kb / 4P
I/O module
logo
SMSC Corporation
LPC47N217N SMSC-LPC47N217N Datasheet
410Kb / 5P
56-Pin Super I/O with LPC Interface
logo
Advantech Co., Ltd.
MIO-6250 ADVANTECH-MIO-6250 Datasheet
153Kb / 1P
Module I/O Series
MIO-6254 ADVANTECH-MIO-6254 Datasheet
187Kb / 1P
Module I/O Series
MIO-6255 ADVANTECH-MIO-6255 Datasheet
136Kb / 1P
Module I/O Series
logo
List of Unclassifed Man...
ND-6050 ETC2-ND-6050 Datasheet
219Kb / 1P
Digital I/O Module
logo
D+H Mechatronic AG
ACN-IO501 DH-ACN-IO501 Datasheet
565Kb / 2P
I/O module
logo
Contec Co., Ltd
CPS-COM-1PC CONTEC-CPS-COM-1PC Datasheet
514Kb / 2P
Serial I/O Module
CPS-COM-1PD CONTEC-CPS-COM-1PD Datasheet
588Kb / 2P
Serial I/O Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com