Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAT1670 Datasheet (PDF) - Solid State Inc

SAT1670 Datasheet PDF - Solid State Inc
Part # SAT1670
Download  SAT1670 Download
File Size   409.08 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Ultra miniature 16 pin SSOP package

SAT1670 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAT1670 Datasheet PDF - Solid State Inc

Part # SAT1670
Download  SAT1670 Click to download

File Size   409.08 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Ultra miniature 16 pin SSOP package

SAT1670 Datasheet (HTML) - Solid State Inc


SAT1670 Product details

Description
The SAT1670 consists of four phototransistors, each
optically coupled to two light emitting diodes. Optical
coupling between the input IR LEDs and output
phototransistor allows for high isolation levels while
maintaining low-level AC or DC signal control capability.
The SAT1670 provides an optically isolated method of
controlling many interface applications such as
telecommunications, industrial control and instrumentation
circuitry.
The SAT1670 comes standard in an ultra-miniature 16 pin
SSOP package.

Features
 Ultra miniature 16 pin SSOP package
 Low input power consumption
 High stability
 CTR Range 20 – 400%
 High Isolation Voltage (3750VRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Office Automation Equipment
 System Appliances, Measuring Instruments
 Computer Terminals, PLCs
 Telecom / Datacom
 Home Appliances
 Digital Logic Inputs
 Fax / Modems
 Power Supplies




Similar Part No. - SAT1670

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SAT1670 SSOUSA-SAT1670 Datasheet
392Kb / 8P
High stability
More results


Similar Description - SAT1670

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSOP-16 ETC-SSOP-16 Datasheet
88Kb / 1P
16-Lead SSOP Plastic Package
logo
Everlight Electronics C...
EL3H7-G EVERLIGHT-EL3H7-G Datasheet
453Kb / 12P
4 PIN ULTRA SMALL SSOP
logo
Solid State Optronic
SAT470 SSOUSA-SAT470 Datasheet
339Kb / 8P
Ultra miniature 4 pin SSOP package
TDM3021 SSOUSA-TDM3021 Datasheet
333Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3041 SSOUSA-TDM3041 Datasheet
376Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3043 SSOUSA-TDM3043 Datasheet
385Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3052 SSOUSA-TDM3052 Datasheet
342Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3082 SSOUSA-TDM3082 Datasheet
386Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
logo
Everlight Electronics C...
ELD3H7 EVERLIGHT-ELD3H7 Datasheet
895Kb / 11P
8PIN 16 PIN ULTRA SMALL SSOP PHOTOTRANSISTOR PHOTOCOUPLER
ELQ3H4 EVERLIGHT-ELQ3H4 Datasheet
1Mb / 11P
16 PIN ULTRA SMALL SSOP AC INPUT PHOTOTRANSISTOR PHOTOCOUPLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com