Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDD450 Datasheet (PDF) - Solid State Inc

SDD450 Datasheet PDF - Solid State Inc
Part # SDD450
Download  SDD450 Download
File Size   718.78 Kbytes
Page   6 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High current transfer ratio (CTR:MIN 600%)

SDD450 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDD450 Datasheet PDF - Solid State Inc

Part # SDD450
Download  SDD450 Click to download

File Size   718.78 Kbytes
Page   6 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High current transfer ratio (CTR:MIN 600%)

SDD450 Datasheet (HTML) - Solid State Inc


SDD450 Product details

APPLICATIONS
• Home Appliances
• Office Automation Equipment
• Telecom / Datacom
• Power Supplies
• Fax / Modems

FEATURES
• High current transfer ratio (CTR:MIN 600%)
• High input-to-output isolation voltage (3,750 Vrms)
• Ultra-miniature 4 pin SOP package
• High Load Voltage (Vceo = 300V MIN)




Similar Part No. - SDD450

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDD450 SSOUSA-SDD450 Datasheet
693Kb / 6P
DC Input Photo-Darlington Optocoupler
More results


Similar Description - SDD450

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1258 PANASONIC-2SD1258 Datasheet
48Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD1474 PANASONIC-2SD1474 Datasheet
54Kb / 3P
Silicon NPN epitaxial planar type(For power amplification with high forward current transfer ratio)
2SD1755 PANASONIC-2SD1755 Datasheet
57Kb / 3P
Silicon NPN epitaxial planar type(For power amplification with high forward current transfer ratio)
2SD2528 PANASONIC-2SD2528 Datasheet
43Kb / 2P
Silicon NPN epitaxial planar type(For power amplification with high forward current transfer ratio)
logo
Kingbright Corporation
KB354NT KINGBRIGHT-KB354NT Datasheet
150Kb / 7P
High current transfer ratio.
logo
Lite-On Technology Corp...
LTV-352T LITEON-LTV-352T Datasheet
151Kb / 8P
High current transfer ratio, High input-output isolation voltage
LTV-816 LITEON-LTV-816 Datasheet
426Kb / 13P
CURRENT TRANSFER RATIO
LTV-817-D LITEON-LTV-817-D Datasheet
600Kb / 15P
Current transfer ratio
logo
ISOCOM COMPONENTS
IS281-4GB ISOCOM-IS281-4GB Datasheet
258Kb / 10P
Current transfer ratio, Isolation voltage between input and output
logo
Lite-On Technology Corp...
LTV-814 LITEON-LTV-814 Datasheet
893Kb / 19P
Current transfer ratio
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com