Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM4102 Datasheet (PDF) - Solid State Inc

SDM4102 Datasheet PDF - Solid State Inc
Part # SDM4102
Download  SDM4102 Download
File Size   236.61 Kbytes
Page   6 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low On Resistance (75m MAX)

SDM4102 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDM4102 Datasheet PDF - Solid State Inc

Part # SDM4102
Download  SDM4102 Click to download

File Size   236.61 Kbytes
Page   6 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low On Resistance (75m MAX)

SDM4102 Datasheet (HTML) - Solid State Inc


SDM4102 Product details

Features
 Low On Resistance (75m MAX)
 High Continuous Load Current (3.4A)
 Low Input Control Power Consumption (2mA TYP)
 High Input-to-Output Isolation (3750V MIN)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Multiplexers
 Meter reading systems
 Data Acquisition
 Medical Equipment
 Battery Monitoring
 Home/Safety Security Systems

Description
The SDM4102 is a DC, single-pole, single-throw, normally
closed solid-state relay in a 4 pin single inline package.
The relay consists of an AlGaAs LED, optically coupled to a
high performance Photo Diode Array (PDA), which in turn
drives one low on-resistance, rugged source-to-source
depletion type DMOS transistor. The SDM4102 has an
extremely low on resistance of 50m (TYP) and a very
high continuous load current rating of up to 3.4A. The
combination of low on-resistance, small package outline
and high load current capabilities make the SDM4102 a
unique, unparalleled solid state relay.
The SDM4102 comes standard in a 4 pin SIP package.




Similar Part No. - SDM4102

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDM4102 SSOUSA-SDM4102 Datasheet
223Kb / 6P
High Continuous Load Current (3.4A)
More results


Similar Description - SDM4102

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6680GM A-POWER-AP6680GM Datasheet
85Kb / 6P
Low On-Resistance, High Vgs Max Rating Voltage
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
Low On-resistance
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP2430GN3-HF A-POWER-AP2430GN3-HF_14 Datasheet
96Kb / 4P
Low On-resistance
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
Low On-resistance
AP4228GM-HF A-POWER-AP4228GM-HF_14 Datasheet
204Kb / 5P
Low On-resistance
AP9579GJ-HF A-POWER-AP9579GJ-HF_14 Datasheet
99Kb / 4P
Low On-resistance
logo
Solid State Optronic
AD2C541 SSOUSA-AD2C541_15 Datasheet
243Kb / 5P
Low On-Resistance (1 ohm MAX)
AD6C541 SSOUSA-AD6C541_15 Datasheet
346Kb / 8P
Low On Resistance (1 Max)
M251 SSOUSA-M251 Datasheet
175Kb / 5P
Low on-resistance (1 ohm MAX)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com