Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6655 Datasheet (PDF) - Analog Devices

AD6655 Datasheet PDF - Analog Devices
Part # AD6655
Download  AD6655 Download
File Size   2630.1 Kbytes
Page   84 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description IF Diversity Receiver

AD6655 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6655 Datasheet PDF - Analog Devices

Part # AD6655
Download  AD6655 Click to download

File Size   2630.1 Kbytes
Page   84 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description IF Diversity Receiver

AD6655 Datasheet (HTML) - Analog Devices


AD6655 Product details

GENERAL DESCRIPTION

The AD6655 is a mixed-signal intermediate frequency (IF) receiver consisting of dual 14-bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS ADCs and a wideband digital downconverter (DDC). The AD6655 is designed to support communications applications where low cost, small size, and versatility are desired.



FEATURES

SNR = 74.5 dBc (75.5 dBFS) in a 32.7 MHz BW at 70 MHz @ 150 MSPS

SFDR = 80 dBc to 70 MHz @ 150 MSPS

1.8 V analog supply operation

1.8 V to 3.3 V CMOS output supply or 1.8 V LVDS output supply

Integer 1-to-8 input clock divider

Integrated dual-channel ADC

   Sample rates up to 150 MSPS

   IF sampling frequencies to 450 MHz

   Internal ADC voltage reference

   Integrated ADC sample-and-hold inputs

   Flexible analog input range: 1 V p-p to 2 V p-p

   ADC clock duty cycle stabilizer

   95 dB channel isolation/crosstalk

Integrated wideband digital downconverter (DDC)

   32-bit complex, numerically controlled oscillator (NCO)

   Decimating half-band filter and FIR filter

   Supports real and complex output modes

Fast attack/threshold detect bits

Composite signal monitor

Energy-saving power-down modes


 




Similar Part No. - AD6655

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6655 AD-AD6655 Datasheet
2Mb / 88P
IF Diversity Receiver
REV. A
AD6655 AD-AD6655 Datasheet
2Mb / 85P
IF Diversity Receiver
15-Jul-2017
AD6655-125EBZ AD-AD6655-125EBZ Datasheet
2Mb / 85P
IF Diversity Receiver
15-Jul-2017
AD6655-125EBZ1 AD-AD6655-125EBZ1 Datasheet
2Mb / 88P
IF Diversity Receiver
REV. A
AD6655-150EBZ AD-AD6655-150EBZ Datasheet
2Mb / 85P
IF Diversity Receiver
15-Jul-2017
More results


Similar Description - AD6655

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6653 AD-AD6653 Datasheet
2Mb / 80P
IF Diversity Receiver
11/07-Revision 0
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
IF Diversity Receiver
REV. A
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
IF Diversity Receiver
REV. B
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
IF Diversity Receiver
REV. C
AD6674 AD-AD6674 Datasheet
2Mb / 91P
385 MHz BW IF Diversity Receiver
REV. B
AD6679 AD-AD6679 Datasheet
1Mb / 81P
135 MHz BW IF Diversity Receiver
REV. B
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
IF Diversity Receiver
23-Feb-2017
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
IF Diversity Receiver
15-Jul-2017
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
385 MHz BW IF Diversity Receiver
23-Feb-2017
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
135 MHz BW IF Diversity Receiver
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com